Electronic Components Datasheet Search
  English  ▼

X  

ICS9250-27 Datasheet(PDF) 10 Page - Integrated Circuit Systems

Part # ICS9250-27
Description  Frequency Generator & Integrated Buffers for Celeron & PII/III?
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS9250-27 Datasheet(HTML) 10 Page - Integrated Circuit Systems

Back Button ICS9250-27 Datasheet HTML 6Page - Integrated Circuit Systems ICS9250-27 Datasheet HTML 7Page - Integrated Circuit Systems ICS9250-27 Datasheet HTML 8Page - Integrated Circuit Systems ICS9250-27 Datasheet HTML 9Page - Integrated Circuit Systems ICS9250-27 Datasheet HTML 10Page - Integrated Circuit Systems ICS9250-27 Datasheet HTML 11Page - Integrated Circuit Systems ICS9250-27 Datasheet HTML 12Page - Integrated Circuit Systems ICS9250-27 Datasheet HTML 13Page - Integrated Circuit Systems ICS9250-27 Datasheet HTML 14Page - Integrated Circuit Systems  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
10
ICS9250-27
Electrical Characteristics - PCI
TA = 0 - 70C; VDD = 3.3 V +/-5%; CL = 10-30 pF (unless otherwise specified)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX UNITS
Output Impedance
RDSP1
1
VO = VDD*(0.5)
12
14
55
Ω
Output Impedance
RDSN1
1
VO = VDD*(0.5)
12
18
55
Ω
Output High Voltage
VOH1
IOH = -1 mA
2.4
V
Output Low Voltage
VOL1
IOL = 1 mA
0.55
V
VOH @ MIN = 1.0 V
-33
-106
VOH @ MAX = 3.135 V
-14
-33
VOL @ MIN = 1.95 V
30
94
VOL @ MAX = 0.4 V
29
38
Rise Time
1
tr1
VOL = 0.4 V, VOH = 2.4 V
0.4
1.3
2
ns
Fall Time
1
tf1
VOH = 2.4 V, VOL = 0.4 V
0.4
1.4
2
ns
Duty Cycle
1
dt1
VT = 1.5 V
45
52
55
%
Skew window
1
tsk1
VT = 1.5 V
304
500
ps
Jitter, Cycle-to-cycle
1
tjcyc-cyc1
VT = 1.5 V
170
500
ps
1Guaranteed by design, not 100% tested in production.
Output High Current
IOH1
mA
Output Low Current
IOL1
mA
Electrical Characteristics - REF, 48MHz_0 (Pin 25)
TA = 0 - 70C; VDD = 3.3 V +/-5%; CL = 10-20 pF (unless otherwise specified)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX UNITS
Output Impedance
RDSP5
1
VO = VDD*(0.5)
20
32.6
60
Ω
Output Impedance
RDSN5
1
VO = VDD*(0.5)
20
31
60
Ω
Output High Voltage
VOH15
IOH = -1 mA
2.4
V
Output Low Voltage
VOL5
IOL = 1 mA
0.55
V
VOH @ MIN = 1.0 V
-29
-54
VOH @ MAX = 3.135 V
-11
-23
VOL @ MIN = 1.95 V
29
54
VOL @ MAX = 0.4 V
16
27
Rise Time
1
tr5
VOL = 0.4 V, VOH = 2.4 V
0.4
1.4
4
ns
Fall Time
1
tf5
VOH = 2.4 V, VOL = 0.4 V
0.4
1.7
4
ns
Duty Cycle
1
dt5
VT = 1.5 V
45
53
55
%
Jitter, Cycle-to-cycle
1
tjcyc-cyc5
VT = 1.5 V, Fixed clocks
215
500
ps
Jitter, Cycle-to-cycle
1
tjcyc-cyc5
VT = 1.5 V, Ref clocks
930
1000
ps
1Guaranteed by design, not 100% tested in production.
Output High Current
IOH5
mA
Output Low Current
IOL5
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com