Electronic Components Datasheet Search
  English  ▼

X  

MK1410STR Datasheet(PDF) 3 Page - Integrated Circuit Systems

Part # MK1410STR
Description  NTSC/PAL Clock Source
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

MK1410STR Datasheet(HTML) 3 Page - Integrated Circuit Systems

  MK1410STR Datasheet HTML 1Page - Integrated Circuit Systems MK1410STR Datasheet HTML 2Page - Integrated Circuit Systems MK1410STR Datasheet HTML 3Page - Integrated Circuit Systems MK1410STR Datasheet HTML 4Page - Integrated Circuit Systems  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
MK1410/MK1411
NTSC/PAL Clock Source
MDS 1410/11 E
3
Revision 102298
Printed 11/15/00
Integrated Circuit Systems, Inc.•525 Race Street•San Jose•CA•95126•(408)295-9800tel•www.icst.com
Notes:
1. Stresses beyond those listed under Absolute Maximum Ratings could cause permanent damage to the device. Prolonged exposure
to levels above the operating limits but below the Absolute Maximums may affect device reliability.
2. Typical values are at 25°C.
Electrical Specifications
Parameter
Conditions
Minimum
Typical
Maximum
Units
ABSOLUTE MAXIMUM RATINGS (note 1)
ABSOLUTE MAXIMUM RATINGS (note 1)
Supply Voltage, VDD
Referenced to GND
7
V
Inputs
Referenced to GND
-0.5
VDD+.5V
V
Clock Outputs
Referenced to GND
-0.5
VDD+.5V
V
Ambient Operating Temperature
0
70
°C
Soldering Temperature
Max of 10 seconds
260
°C
Storage temperature
-65
150
°C
DC CHARACTERISTICS (at 5.0V unless otherwise noted)
DC CHARACTERISTICS (at 5.0V unless otherwise noted)
DC CHARACTERISTICS (at 5.0V unless otherwise noted)
Operating Voltage, VDD
3.0
5.5
V
Input High Voltage, VIH, input clock only
Clock input
3.5
2.5
V
Input Low Voltage, VIL, input clock only
Clock input
2.5
1.5
V
Input High Voltage, VIH
2
V
Input Low Voltage, VIL
0.8
V
Output High Voltage, VOH
IOH=-4mA
VDD-0.4
V
Output High Voltage, VOH
IOH=-25mA
2.4
V
Output Low Voltage, VOL
IOL=25mA
0.4
V
Operating Supply Current, IDD, 5.0V
No Load, 17.7 MHz
16
mA
Operating Supply Current, IDD, 3.0V
No Load, 17.7 MHz
9
mA
Power Down Supply Current, IDDPD, 5V
No Load
25
µA
Input Capacitance
SEL, PD pins
7
pF
Actual Mean Frequency versus Target
With exact crystal
5
5
ppm
AC CHARACTERISTICS (at 5.0V unless otherwise noted)
AC CHARACTERISTICS (at 5.0V unless otherwise noted)
AC CHARACTERISTICS (at 5.0V unless otherwise noted)
Input Clock or Crystal Frequency
14.31818
14.31818
MHz
Input Crystal Accuracy
30
ppm
Input Clock Duty Cycle
Time above 2.5V
20
80
%
Output Clock Rise Time
0.8 to 2.0V
1.5
ns
Output Clock Fall Time
2.0 to 0.8V
1.5
ns
Output Clock Duty Cycle
Time above 1.5V
45
50
55
%
Absolute Maximum Clock Period Jitter
Variation from mean
130
ps
One Sigma Clock Period Jitter
40
ps
Application Note
The MK1410/11 is commonly used to drive an AD722/4 NTSC/PAL encoder. If the encoder is not
displaying the proper color, this means that the input frequency to the MK1410/11 is incorrect. This is
caused by using the wrong type of crystal, or by connecting incorrect capacitors to X1 and X2. To get
correct color, specify the crystal as listed on page 2. The MK1410/11 has internal crystal capacitors set for a
crystal with 18 pF load capacitance. Contact MicroClock if unable to obtain the listed crystal.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com