Electronic Components Datasheet Search
  English  ▼

X  

MK1410STR Datasheet(PDF) 1 Page - Integrated Circuit Systems

Part # MK1410STR
Description  NTSC/PAL Clock Source
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

MK1410STR Datasheet(HTML) 1 Page - Integrated Circuit Systems

  MK1410STR Datasheet HTML 1Page - Integrated Circuit Systems MK1410STR Datasheet HTML 2Page - Integrated Circuit Systems MK1410STR Datasheet HTML 3Page - Integrated Circuit Systems MK1410STR Datasheet HTML 4Page - Integrated Circuit Systems  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
MK1410/MK1411
NTSC/PAL Clock Source
MDS 1410/11 E
1
Revision 102298
Printed 11/15/00
Integrated Circuit Systems, Inc.•525 Race Street•San Jose•CA•95126•(408)295-9800tel•www.icst.com
The MK1410 and MK1411 are the ideal way to
generate clocks for NTSC/PAL video encoders
and decoders. Stored in the devices are two or four
popular frequencies for NTSC and PAL. In an 8
pin SOIC, the chips can save component count,
board space, and cost over surface mount crystals
and oscillators, and increase reliability by
eliminating one or two mechanical devices from
the board. The power down pin turns off the
device, drawing less than 20µA.
MicroClock offers many other clocks for
computers and computer peripherals. Consult
MicroClock when you need to remove crystals and
oscillators from your board.
Block Diagram
Description
Features
• Packaged in 8 pin SOIC
• Ideal for devices such as AD722/AD725 from
Analog Devices and Brooktree BT819
• Input crystal or clock frequency of 14.31818 MHz
• Power down turns off chip
• Frequencies are within 5 ppm with properly tuned
reference crystal or accurate input clock
• Low jitter
• Output clock frequencies of 14.31818MHz,
17.7345MHz, 28.6364MHz, or 35.46896MHz
• 25mA drive capability at TTL levels
• 3.3V or 5V supply voltage
• Advanced, low power CMOS process
• Insensitive to input clock duty cycle
Clock
Buffer/
Crystal
Oscillator
VDD
GND
Clock Synthesis
and Control
Circuitry
14.31818 MHz
crystal
or
clock
X1
X2
S0
Output
Buffer
NTSC or
PAL clock
S1
PD
Output
Buffer
14.31818 MHz
(MK1410 only)


Similar Part No. - MK1410STR

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
MK1412 ICST-MK1412 Datasheet
61Kb / 4P
MPEG Audio Clock Synthesizer
Revision 060200
MK1412A ICST-MK1412A Datasheet
61Kb / 4P
MPEG Audio Clock Synthesizer
Revision 060200
MK1412ATR ICST-MK1412ATR Datasheet
61Kb / 4P
MPEG Audio Clock Synthesizer
Revision 060200
MK1412S ICST-MK1412S Datasheet
61Kb / 4P
MPEG Audio Clock Synthesizer
Revision 060200
MK1412STR ICST-MK1412STR Datasheet
61Kb / 4P
MPEG Audio Clock Synthesizer
Revision 060200
More results

Similar Description - MK1410STR

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M51272P MITSUBISHI-M51272P Datasheet
693Kb / 13P
NTSC/PAL ENCODER
M52390FP MITSUBISHI-M52390FP Datasheet
235Kb / 22P
NTSC/PAL ENCODER
logo
NXP Semiconductors
TDA3566A PHILIPS-TDA3566A Datasheet
253Kb / 24P
PAL/NTSC decoder
February 1994
TDA8501 PHILIPS-TDA8501 Datasheet
238Kb / 30P
PAL/NTSC encoder
April 1993
logo
Integrated Circuit Syst...
MK2712 ICST-MK2712 Datasheet
56Kb / 4P
NTSC/PAL Clock Source
Revision 061401
logo
Sony Corporation
CXA1219 SONY-CXA1219 Datasheet
509Kb / 11P
NTSC/PAL Decoder
logo
Integrated Circuit Syst...
ICS662-02 ICST-ICS662-02 Datasheet
95Kb / 6P
NTSC/PAL AUDIO CLOCK
Revision 100803
logo
Intersil Corporation
HMP8156 INTERSIL-HMP8156_03 Datasheet
654Kb / 33P
NTSC/PAL Encoder
September 2003
logo
Renesas Technology Corp
M52390FP RENESAS-M52390FP Datasheet
373Kb / 23P
NTSC/PAL Encoder
MK2712 RENESAS-MK2712 Datasheet
237Kb / 5P
NTSC/PAL Clock Source
092104
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com