Electronic Components Datasheet Search
  English  ▼

X  

AD9630 Datasheet(PDF) 5 Page - Analog Devices

Part # AD9630
Description  Low Distortion 750 MHz Closed-Loop Buffer Amp
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9630 Datasheet(HTML) 5 Page - Analog Devices

  AD9630 Datasheet HTML 1Page - Analog Devices AD9630 Datasheet HTML 2Page - Analog Devices AD9630 Datasheet HTML 3Page - Analog Devices AD9630 Datasheet HTML 4Page - Analog Devices AD9630 Datasheet HTML 5Page - Analog Devices AD9630 Datasheet HTML 6Page - Analog Devices AD9630 Datasheet HTML 7Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
AD9630
–5–
REV. B
Typical Performance Curves –
VOLTS
0
–1000
–3
–2
3
–1
0
1
2
–100
–600
–700
–800
–900
–200
–300
–500
–400
RL = 100
RL = 200
Figure 4. Endpoint DC Linearity
FREQUENCY – Hz
50
0
1M
10M
1G
100M
10
20
40
30
Figure 7. PSRR vs. Frequency
PHASE
GAIN
VIN = 100mV
VIN = 750mV
VIN = 100mV
FREQUENCY – Hz
2
–5
–8
0M
1G
200M
400M
600M
800M
1
–4
–6
–7
–2
–3
0
–1
0
–45
–90
–135
–180
Figure 10 . Forward Gain and Phase
FREQUENCY – Hz
1M
100k
1
1M
1k
100
10
10k
10M
100M
1G
Figure 5. Input Impedance
FREQUENCY – MHz
50
0
dc
250
50
100
150
200
20
10
30
40
50
50
TEST
CIRCUIT
Figure 8. 2-Tone Intermodulation
Distortion
FREQUENCY – MHz
3
–4
–7
0
200
RL = 50
RL = 100
RL = 200
40
80
120
160
2
–3
–5
–6
–1
–2
1
0
Figure 11. Frequency Response vs.
RLOAD
FREQUENCY – Hz
30
25
0
1M
10M
1G
100M
15
10
5
20
100
80
40
20
0
60
|Zo|
Figure 6. Output Impedance
CASE TEMPERATURE – C
10
–10
–2
–4
–6
–8
–55
25
125
50
40
–50
–10
–20
–30
–40
20
0
10
30
8
4
0
2
6
BIAS CURRENT
OFFSET VOLTAGE
Figure 9. Offset Voltage and Bias
Current vs. Temperature
Figure 12. Small-Signal Pulse
Response
2ns/DIVISION
–0.25
50
6pF
50
TEST CIRCUIT
0.5
–0.5
0
0.25
OBSOLETE



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com