Electronic Components Datasheet Search
  English  ▼

X  

AD9630 Datasheet(PDF) 1 Page - Analog Devices

Part # AD9630
Description  Low Distortion 750 MHz Closed-Loop Buffer Amp
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9630 Datasheet(HTML) 1 Page - Analog Devices

  AD9630 Datasheet HTML 1Page - Analog Devices AD9630 Datasheet HTML 2Page - Analog Devices AD9630 Datasheet HTML 3Page - Analog Devices AD9630 Datasheet HTML 4Page - Analog Devices AD9630 Datasheet HTML 5Page - Analog Devices AD9630 Datasheet HTML 6Page - Analog Devices AD9630 Datasheet HTML 7Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
REV. B
Information furnished by Analog Devices is believed to be accurate and
reliable. However, no responsibility is assumed by Analog Devices for its
use, nor for any infringements of patents or other rights of third parties
which may result from its use. No license is granted by implication or
otherwise under any patent or patent rights of Analog Devices.
a
AD9630*
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 617/329-4700
World Wide Web Site: http://www.analog.com
Fax: 617/326-8703
© Analog Devices, Inc., 1999
Low Distortion 750 MHz
Closed-Loop Buffer Amp
PIN CONFIGURATION
1
2
3
4
8
7
6
5
NC = NO CONNECT
AD9630
***
NC
**
INPUT
+VS
NC
–VS
OUTPUT
NOTE: FOR BEST SETTLING TIME PERFORMANCE USE
OPTIONAL POWER SUPPLIES. ALL SPECIFICATIONS
ARE BASED ON USING SINGLE
VS CONNECTIONS,
EXCEPT FOR SETTLING TIME TO 0.02% AND SMALL
SIGNAL S21. CONSULT THE FACTORY FOR VERSIONS
WITH OPTIONAL POWER SUPPLY PINS DISCONNECTED
INTERNAL TO THE PACKAGE.
**OPTIONAL +VS
***OPTIONAL –VS
FEATURES
Excellent Gain Accuracy: 0.99 V/V
Wide Bandwidth: 750 MHz
Slew Rate: 1200 V/ s
Low Distortion
–65 dBc @ 20 MHz
–80 dBc @ 4.3 MHz
Settling Time
5 ns to 0.1%
8 ns to 0.02%
Low Noise: 2.4 nV/
√Hz
Improved Source for CLC-110
APPLICATIONS
IF/Communications
Impedance Transformations
Drives Flash ADCs
Line Driving
GENERAL DESCRIPTION
The AD9630 is a monolithic buffer amplifier that utilizes a
patented, innovative, closed-loop design technique to achieve
exceptional gain accuracy, wide bandwidth, and low distortion.
Slew rate limiting has been overcome as indicated by the
1200 V/
µs slew rate; this improvement allows the user greater
flexibility in wideband and pulse applications. The second har-
monic distortion terms for an analog input tone of 4.3 MHz
and 20 MHz are –80 dBc and –66 dBc, respectively. Clearly,
the AD9630 establishes a new standard by combining out-
standing dc and dynamic performance in one part.
The large signal bandwidth, low distortion over frequency, and
drive capabilities of the AD9630 make the buffer an ideal flash
ADC driver. The AD9630 provides better signal fidelity than
many of the flash ADCs that it has been designed to drive.
Other applications that require increased current drive at unity
voltage gain (such as cable driving) benefit from the AD9630’s
performance.
The AD9630 is available in plastic DIP (N) and SOIC (R).
*Protected under U.S. patent numbers 5,150,074 and 5,537,079.
OBSOLETE


Similar Part No. - AD9630

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9630 AD-AD9630 Datasheet
101Kb / 7P
Low Distortion 750 MHz Closed-Loop Buffer Amp
REV.B
AD9630AN AD-AD9630AN Datasheet
101Kb / 7P
Low Distortion 750 MHz Closed-Loop Buffer Amp
REV.B
AD9630AR AD-AD9630AR Datasheet
101Kb / 7P
Low Distortion 750 MHz Closed-Loop Buffer Amp
REV.B
AD9630AR-REEL AD-AD9630AR-REEL Datasheet
101Kb / 7P
Low Distortion 750 MHz Closed-Loop Buffer Amp
REV.B
More results

Similar Description - AD9630

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
CLC109 NSC-CLC109 Datasheet
171Kb / 6P
Low-Power, Wideband, Closed-Loop Buffer
CLC115 NSC-CLC115 Datasheet
350Kb / 6P
Quad, Closed-Loop Monolithic Buffer
LMH6559 NSC-LMH6559 Datasheet
1Mb / 22P
High-Speed, Closed-Loop Buffer
logo
Analog Devices
AD9630 AD-AD9630 Datasheet
101Kb / 7P
Low Distortion 750 MHz Closed-Loop Buffer Amp
REV.B
logo
Elantec Semiconductor
EL2072C ELANTEC-EL2072C Datasheet
219Kb / 8P
730 MHz Closed Loop Buffer
logo
Intersil Corporation
HFA1110 INTERSIL-HFA1110 Datasheet
90Kb / 9P
750MHz, Low Distortion Unity Gain, Closed Loop Buffer
February 1999
EL2072 INTERSIL-EL2072 Datasheet
96Kb / 6P
730MHz Closed Loop Buffer
December 1995
logo
National Semiconductor ...
LH4006 NSC-LH4006 Datasheet
180Kb / 6P
Precision RF Closed Loop Buffer
logo
Intersil Corporation
HFA1110 INTERSIL-HFA1110_06 Datasheet
184Kb / 9P
750MHz, Low Distortion Unity Gain, Closed Loop Buffer
June 6, 2006
logo
Renesas Technology Corp
HFA1110 RENESAS-HFA1110 Datasheet
467Kb / 9P
750MHz, Low Distortion Unity Gain, Closed Loop Buffer
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com