Electronic Components Datasheet Search
  English  ▼

X  

K170 Datasheet(PDF) 3 Page - Integrated Circuit Systems

Part # K170
Description  Low EMI Clock Generator
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

K170 Datasheet(HTML) 3 Page - Integrated Circuit Systems

  K170 Datasheet HTML 1Page - Integrated Circuit Systems K170 Datasheet HTML 2Page - Integrated Circuit Systems K170 Datasheet HTML 3Page - Integrated Circuit Systems K170 Datasheet HTML 4Page - Integrated Circuit Systems  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
MK1704A
Low EMI Clock Generator
MDS 1704A B
3
Revision 062599
Printed 11/15/00
MicroClock Division of ICS • 525 Race Street • San Jose • CA • 95126•(408)295-9800tel•(408)295-9818fax
I C R O
C LOC K
Notes:
1. Stresses beyond those listed under Absolute Maximum Ratings could cause permanent damage to the device. Prolonged exposure
to levels above the operating limits but below the Absolute Maximums may affect device reliability.
2. Typical values are at 25°C.
3. Not tested; guaranteed by design.
Electrical Specifications
Parameter
Conditions
Minimum
Typical
Maximum
Units
ABSOLUTE MAXIMUM RATINGS (note 1)
Supply Voltage, VDD
Referenced to GND
7
V
Inputs
Referenced to GND
-0.5
VDD+.5V
V
Clock Outputs
Referenced to GND
-0.5
VDD+.5V
V
Ambient Operating Temperature
0
70
°C
Soldering Temperature
Max of 10 seconds
260
°C
Storage temperature
-65
150
°C
DC CHARACTERISTICS (at 5.0V unless otherwise noted)
DC CHARACTERISTICS (at 5.0V unless otherwise noted)
Operating Voltage, VDD
3
5.5
V
Input High Voltage, VIH, input clock only
Clock input
(VDD/2)+1
VDD/2
V
Input Low Voltage, VIL, input clock only
Clock input
VDD/2
(VDD/2)-1
V
Output High Voltage, VOH
IOH=-4mA
VDD-0.4
V
Output High Voltage, VOH
IOH=-25mA
2.4
V
Output Low Voltage, VOL
IOL=25mA
0.4
V
Operating Supply Current, IDD, 5V
No Load
15
mA
Operating Supply Current, IDD, 3.3V
No Load
10
mA
Input Capacitance
S0, S1 pins
7
pF
Internal Pull-up Resistor
LEE pin only
500
k
Ω
AC CHARACTERISTICS (at 5.0V unless otherwise noted)
AC CHARACTERISTICS (at 5.0V unless otherwise noted)
Input Clock Frequency
S1=0, S0=0
60
135
140
MHz
(Note 3)
S1=0, S0=1
60
80
120
S1=1, S0=0
30
40
60
S1=1, S0=1
40
65
100
Input Clock Duty Cycle
Time above VDD/2
20
80
%
Output Clock Rise Time
0.8 to 2.0V
1.5
ns
Output Clock Fall Time
2.0 to 0.8V
1.5
ns
Output Clock Duty Cycle
Time above 1.5V
40
50
60
%
Output Clock Frequency Variation from Mean
1 - 2.5
%
EMI Peak Frequency Reduction
3rd-19th odd harmonics
10 to 16
dB



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com