Electronic Components Datasheet Search
  English  ▼

X  

K170 Datasheet(PDF) 1 Page - Integrated Circuit Systems

Part # K170
Description  Low EMI Clock Generator
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

K170 Datasheet(HTML) 1 Page - Integrated Circuit Systems

  K170 Datasheet HTML 1Page - Integrated Circuit Systems K170 Datasheet HTML 2Page - Integrated Circuit Systems K170 Datasheet HTML 3Page - Integrated Circuit Systems K170 Datasheet HTML 4Page - Integrated Circuit Systems  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
PLL Clock
Synthesis and
Spread Spectrum
Circuitry
MK1704A
Low EMI Clock Generator
MDS 1704A B
1
Revision 062599
Printed 11/15/00
MicroClock Division of ICS • 525 Race Street • San Jose • CA • 95126•(408)295-9800tel•(408)295-9818fax
I C R O
C LOC K
The MK1704A is an upgraded version of the
MK1704 and is recommended for all new designs.
It offers more reduction in the frequency
amplitude peaks, and will support frequencies up
to 140 MHz.
The MK1704A generates a low EMI output clock
from a clock input. The part is designed to dither
the LCD interface clock or other clocks for flat
panel graphics controllers. The MK1704A uses
ICS/MicroClock’s proprietary mixture of analog
and digital Phase-Locked Loop (PLL) technology
to synthesize the frequency, and our patented
technique to spread the frequency spectrum of the
output, thereby reducing the frequency amplitude
peaks by several dB.
We offer many other clocks for computers and
computer peripherals. Consult us when you need
to remove crystals and oscillators from your board.
Block Diagram
Description
Features
• Packaged in 8 pin SOIC
• Provides a spread spectrum output clock
• Supports leading flat panel controllers
• Accepts a clock input, provides same frequency
dithered output
• Optimized for higher resolutions that require up
to 140 MHz, as well as 40 MHz (SVGA) and
65 MHz (XVGA) clocks
• Peak reduction by 7dB - 14 dB typical on 3rd-
19th odd harmonics
• Low EMI feature can be disabled
• 3.3 V or 5 V ±10% supply voltage
• Advanced, low power CMOS process
• See the MK1714-01 for a multiplier with low
EMI which can operate from a crystal
Crystal
Oscillator
VDD GND
S1
Output
Buffer
Clock Out
Input Clock
Low EMI
Enable
S0


Similar Part No. - K170

ManufacturerPart #DatasheetDescription
logo
TOKO, Inc
K170 TOKO-K170 Datasheet
47Kb / 8P
LOW VOLTAGE OPERATIONAL AMPLIFIER
logo
Toshiba Semiconductor
K170 TOSHIBA-K170 Datasheet
218Kb / 4P
FET, Silicon N Channel Junction Type(for Low Noise Audio Amplifier)
logo
Amphenol Corporation
K170 AMPHENOL-K170 Datasheet
46Kb / 2P
Ice Point Reference
K170 AMPHENOL-K170 Datasheet
84Kb / 2P
Eispunkt-Referenz
logo
Toshiba Semiconductor
K170 TOSHIBA-K170 Datasheet
644Kb / 5P
Silicon N Channel Junction Type Low Noise Audio Amplifier Applications
More results

Similar Description - K170

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
MK5811A ICST-MK5811A Datasheet
151Kb / 7P
Low EMI Clock Generator
Revision 091205
MK1707D ICST-MK1707D Datasheet
134Kb / 7P
Low EMI Clock Generator
Revision 102804
ICS181-51 ICST-ICS181-51 Datasheet
90Kb / 6P
Low EMI Clock Generator
Revision 110404
ICS18001 ICST-ICS18001 Datasheet
103Kb / 7P
Low EMI Clock Generator
Revision 050405
ICS18002 ICST-ICS18002 Datasheet
100Kb / 6P
Low EMI Clock Generator
Revision 110404
logo
Renesas Technology Corp
MK1704A RENESAS-MK1704A Datasheet
344Kb / 8P
LOW EMI CLOCK GENERATOR
051310
MK5811 RENESAS-MK5811 Datasheet
248Kb / 8P
LOW EMI CLOCK GENERATOR
051310
IDT5V50015 RENESAS-IDT5V50015 Datasheet
364Kb / 10P
LOW EMI CLOCK GENERATOR
031109
ICS181-01 RENESAS-ICS181-01 Datasheet
292Kb / 9P
LOW EMI CLOCK GENERATOR
051310
ICS4231-03 RENESAS-ICS4231-03 Datasheet
312Kb / 8P
LOW EMI CLOCK GENERATOR
051310
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com