Electronic Components Datasheet Search
  English  ▼

X  

MK2704STR Datasheet(PDF) 3 Page - Integrated Circuit Systems

Part # MK2704STR
Description  PLL Audio Clock Synthesizer
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

MK2704STR Datasheet(HTML) 3 Page - Integrated Circuit Systems

  MK2704STR Datasheet HTML 1Page - Integrated Circuit Systems MK2704STR Datasheet HTML 2Page - Integrated Circuit Systems MK2704STR Datasheet HTML 3Page - Integrated Circuit Systems MK2704STR Datasheet HTML 4Page - Integrated Circuit Systems  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
MK2704
PLL Audio Clock Synthesizer
MDS 2704 A
3
Revision 062700
I C R O
C LOC K
PRELIMINARY INFORMATION
Integrated Circuit Systems, Inc. • 525 Race Street • San Jose •CA•95126•(408) 295-9800tel • www.icst.com
Parameter
Conditions
Minimum
Typical
Maximum
Units
ABSOLUTE MAXIMUM RATINGS (note 1)
ABSOLUTE MAXIMUM RATINGS (note 1)
Supply voltage, VDD
Referenced to GND
7
V
Inputs and Clock Outputs
Referenced to GND
-0.5
VDD+0.5
V
Ambient Operating Temperature
MK2704S
0
70
°C
Soldering Temperature
Max of 10 seconds
260
°C
Storage temperature
-65
150
°C
DC CHARACTERISTICS (VDD = 3.3V unless noted)
DC CHARACTERISTICS (VDD = 3.3V unless noted)
Operating Voltage, VDD
3.13
5.50
V
Input High Voltage, VIH, X1 pin only
Note 2
(VDD/2)+1
V
Input Low Voltage, VIL, X1 pin only
Note 2
(VDD/2)-1
V
Input High Voltage, VIH
2
V
Input Low Voltage, VIL
0.8
V
Output High Voltage, VOH
IOH=-12mA
2.4
V
Output Low Voltage, VOL
IOL=12mA
0.4
V
Output High Voltage, VOH, CMOS level
IOH=-4mA
VDD-0.4
V
Operating Supply Current, IDD
No Load
10
mA
Short Circuit Current
Each output
±50
mA
Input Capacitance
S1, S0
5
pF
Frequency synthesis error
All clocks
0
ppm
AC CHARACTERISTICS (VDD = 3.3V unless noted)
AC CHARACTERISTICS (VDD = 3.3V unless noted)
Input Crystal Frequency
27.00
MHz
Input Crystal Accuracy
±30
ppm
Output Clock Rise Time
0.8 to 2.0V
1.5
ns
Output Clock Fall Time
2.0 to 0.8V
1.5
ns
Output Clock Duty Cycle
At 1.4V
40
60
%
Maximum Absolute Jitter, short term
±190
ps
Electrical Specifications
Notes:
1. Stresses beyond those listed under Absolute Maximum Ratings could cause permanent damage to the device. Prolonged
exposure to levels above the operating limits but below the Absolute Maximums may affect device reliability.
2. CMOS level input. Nominal trip point is VDD/2 for 3.3 V or 5 V operation.
External Components
The MK2704 requires a minimum number of external components for proper operation. For a crystal input,
one load capacitor should be connected from each of the X1 and X2 pins to ground. The value (in pF) of
each crystal load capacitor should equal (CL-16)•2, where CL is the crystal’s load (correlation) capacitance
in pF. The input crystal must be connected as close to the chip as possible. The input crystal should be a
parallel resonant, fundamental, AT cut 27 MHz. For a clock input, connect to X1 and leave X2
unconnected. Decoupling capacitors of 0.01µF should be connected between VDD and GND on pins 2
and 3, as close to the MK2704 as possible. A series termination resistor of 33
Ω may be used for the clock
output.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com