Electronic Components Datasheet Search
  English  ▼

X  

MK2704STR Datasheet(PDF) 1 Page - Integrated Circuit Systems

Part # MK2704STR
Description  PLL Audio Clock Synthesizer
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

MK2704STR Datasheet(HTML) 1 Page - Integrated Circuit Systems

  MK2704STR Datasheet HTML 1Page - Integrated Circuit Systems MK2704STR Datasheet HTML 2Page - Integrated Circuit Systems MK2704STR Datasheet HTML 3Page - Integrated Circuit Systems MK2704STR Datasheet HTML 4Page - Integrated Circuit Systems  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
MK2704
PLL Audio Clock Synthesizer
MDS 2704 A
1
Revision 062700
I C R O
C LOC K
PRELIMINARY INFORMATION
Integrated Circuit Systems, Inc. • 525 Race Street • San Jose •CA•95126•(408) 295-9800tel • www.icst.com
Block Diagram
Description
Features
The MK2704 is a low cost, low jitter, high
performance PLL clock synthesizer designed to
replace oscillators and PLL circuits in set-top box
and multimedia systems. Using our patented
analog Phase-Locked Loop (PLL) techniques, the
device uses a fundamental 27 MHz crystal or clock
input to produce a buffered reference clock and a
selectable audio clock. The audio clock is
frequency locked to the 27 MHz clock, assuring
that the audio with zero ppm error and video will
always track perfectly.
• Packaged in 8 pin SOIC
• Uses an inexpensive fundamental crystal, or clock
• Output clocks of 16.9344 MHz, 18.432 MHz,
and 36.864 MHz
• Supports 384x MPEG sampling rates of 44.1 kHz,
48 kHz and 96 kHz
• Patented zero ppm synthesis error in all clocks
• All frequencies are frequency locked
• Advanced, low power, sub-micron CMOS process
• 3.3 V or 5 V operating voltage
27 MHz
crystal or
clock
X2
X1
(Capacitors are required for crystal tuning)
Crystal
Oscillator
VDD
GND
PLL
Clock
Synthesis
and
Control
Circuitry
Output
Buffer
CLK
Output
Buffer
27.000 MHz
S1:0
2


Similar Part No. - MK2704STR

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
MK2704SLF RENESAS-MK2704SLF Datasheet
333Kb / 7P
PLL AUDIO CLOCK SYNTHESIZER
051310
MK2704SLFTR RENESAS-MK2704SLFTR Datasheet
333Kb / 7P
PLL AUDIO CLOCK SYNTHESIZER
051310
More results

Similar Description - MK2704STR

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
MK1412 ICST-MK1412 Datasheet
61Kb / 4P
MPEG Audio Clock Synthesizer
Revision 060200
MK2703 ICST-MK2703 Datasheet
63Kb / 4P
PLL Audio Clock Synthesizer
Revision 062700
MK2731-03C ICST-MK2731-03C Datasheet
61Kb / 4P
MPEG Audio Clock Synthesizer
Revision 011101
logo
Texas Instruments
CDCEL824 TI1-CDCEL824 Datasheet
1Mb / 33P
Programmable 2-PLL Clock Synthesizer
logo
Integrated Device Techn...
MK2703 IDT-MK2703 Datasheet
187Kb / 7P
PLL AUDIO CLOCK SYNTHESIZER
MK2703B IDT-MK2703B Datasheet
188Kb / 7P
PLL AUDIO CLOCK SYNTHESIZER
logo
Renesas Technology Corp
MK2703 RENESAS-MK2703 Datasheet
348Kb / 8P
PLL AUDIO CLOCK SYNTHESIZER
051310
MK2703B RENESAS-MK2703B Datasheet
354Kb / 8P
PLL AUDIO CLOCK SYNTHESIZER
042606
MK2704 RENESAS-MK2704 Datasheet
333Kb / 7P
PLL AUDIO CLOCK SYNTHESIZER
051310
ICS348-22 RENESAS-ICS348-22 Datasheet
203Kb / 9P
QUAD PLL CLOCK SYNTHESIZER
012005
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com