Electronic Components Datasheet Search
  English  ▼

X  

MK2716STR Datasheet(PDF) 2 Page - Integrated Circuit Systems

Part # MK2716STR
Description  HDTV Clock Synthesizer
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

MK2716STR Datasheet(HTML) 2 Page - Integrated Circuit Systems

  MK2716STR Datasheet HTML 1Page - Integrated Circuit Systems MK2716STR Datasheet HTML 2Page - Integrated Circuit Systems MK2716STR Datasheet HTML 3Page - Integrated Circuit Systems MK2716STR Datasheet HTML 4Page - Integrated Circuit Systems  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
MK2716
HDTV Clock Synthesizer
MDS 2716 B
2
Revision 062599
Printed 11/16/00
MicroClock Division of ICS • 525 Race Street • San Jose • CA • 95126•(408)295-9800tel•(408)295-9818fax
I C R O
C LOC K
Pin Assignment
Number
Name
Type Description
1
ICLK/X1
XI
Input clock connection. Connect to a 27 MHz clock input or 27 MHz fundamental crystal.
2
VDD
P
Connect to +3.3V or +5V.
3
GND
P
Connect to ground.
4
CLK
O
74.17582418 MHz or 74.25 MHz clock output (see table above).
5
GND
P
Connect to ground.
6
SEL
I
Select pin determines value of CLK per table above.
7
27M
O
27 MHz buffered clock or crystal oscillator output.
8
X2
XO Connect to 27 MHz crystal, or leave unconnected for clock input.
Pin Descriptions
Type: I = Input; O = output; P = power supply connection; XI, XO = crystal connections
8 pin SOIC
Decoupling and External Components
The MK2716 requires a 0.1µF decoupling capacitor to be connected between VDD and GND on pins 2
and 3. It must be connected close to the MK2716. Pin 5 can be connected to pin 3. A 33
Ω terminating
resistor should be placed close to pin 4, and pin 7. If using a crystal input, it should be a 27.00 MHz,
parallel resonant, fundamental mode, with load (correlation) capacitance of 18 pF. If the crystal has a load
capacitance of 20 pF, connect 4 pF capacitors from X1 and X2 to ground.
1
8
2
3
4
7
6
5
ICLK/X1
GND
X2
VDD
GND
SEL
CLK
27M
SEL
CLK
0
74.17582418
1
74.25
Frequency Select Table (MHz)



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com