Electronic Components Datasheet Search
  English  ▼

X  

MK2716STR Datasheet(PDF) 1 Page - Integrated Circuit Systems

Part # MK2716STR
Description  HDTV Clock Synthesizer
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

MK2716STR Datasheet(HTML) 1 Page - Integrated Circuit Systems

  MK2716STR Datasheet HTML 1Page - Integrated Circuit Systems MK2716STR Datasheet HTML 2Page - Integrated Circuit Systems MK2716STR Datasheet HTML 3Page - Integrated Circuit Systems MK2716STR Datasheet HTML 4Page - Integrated Circuit Systems  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
MK2716
HDTV Clock Synthesizer
MDS 2716 B
1
Revision 062599
Printed 11/16/00
MicroClock Division of ICS • 525 Race Street • San Jose • CA • 95126•(408)295-9800tel•(408)295-9818fax
I C R O
C LOC K
• Packaged as 8 pin SOIC or die
• Input frequency of 27 MHz
• Zero ppm synthesis error in output clock
• 3.3 V or 5.0 V±10% operating supply
• 25 mA drive capability at TTL levels
• Ideal for HDTV applications and oscillator
manufacturers
• Advanced, low power CMOS process
• Custom masks easily and quickly made
The MK2716 is a low cost, low jitter, high
performance clock synthesizer designed to
produce the 74.176 MHz and 74.25 MHz clocks
necessary for HDTV systems. Using analog Phase-
Locked Loop (PLL) techniques, the device accepts
a 27 MHz clock or fundamental crystal input. The
zero ppm synthesis error exactly locks the display
to the digital stream.
MicroClock offers a wide variety of clock
synthesizers for desktop and portable computers,
and multimedia systems. Consult MicroClock to
eliminate crystals and oscillators from your board.
Block Diagram
Description
Features
Clock
Buffer
VDD GND
Clock Synthesis
and Control
Circuitry
27 MHz
crystal or
clock
Output
Buffer
CLK
74.17582418 MHz or
74.2500 MHz
27.0000 MHz
Output
Buffer
2
SEL
X1
X2


Similar Part No. - MK2716STR

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
MK2716SLF RENESAS-MK2716SLF Datasheet
324Kb / 7P
HDTV CLOCK SYNTHESIZER
051310
MK2716SLFTR RENESAS-MK2716SLFTR Datasheet
324Kb / 7P
HDTV CLOCK SYNTHESIZER
051310
More results

Similar Description - MK2716STR

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS627-01 ICST-ICS627-01 Datasheet
42Kb / 4P
HDTV Set-Top Clock Source
Revision 051600
ICS650-05 ICST-ICS650-05 Datasheet
59Kb / 4P
HDTV Clock Synthesizer
Revision 081199
logo
Pericom Semiconductor C...
PI6C103 PERICOM-PI6C103 Datasheet
568Kb / 12P
Precision Clock Synthesizer
logo
List of Unclassifed Man...
ICS66203 ETC-ICS66203 Datasheet
105Kb / 6P
HDTV Audio/Video Clock Source
logo
Integrated Circuit Syst...
ICS448-16 ICST-ICS448-16 Datasheet
126Kb / 7P
Networking Clock Synthesizer
Revision 031605
ICS667-01 ICST-ICS667-01 Datasheet
130Kb / 5P
HDTV CLOCK SYNTHESIZER
Revision 031605
logo
Integrated Device Techn...
ICS662-03 IDT-ICS662-03 Datasheet
171Kb / 7P
HDTV AUDIO/VIDEO CLOCK SOURCE
logo
Renesas Technology Corp
MK2716 RENESAS-MK2716 Datasheet
324Kb / 7P
HDTV CLOCK SYNTHESIZER
051310
ICS662-03 RENESAS-ICS662-03 Datasheet
340Kb / 8P
HDTV AUDIO/VIDEO CLOCK SOURCE
051310
ICS667-01 RENESAS-ICS667-01 Datasheet
312Kb / 7P
HDTV CLOCK SYNTHESIZER
051310
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com