Electronic Components Datasheet Search
  English  ▼

X  

MK3235 Datasheet(PDF) 4 Page - Integrated Circuit Systems

Part # MK3235
Description  Handheld System Clock Synthesizer
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

MK3235 Datasheet(HTML) 4 Page - Integrated Circuit Systems

  MK3235 Datasheet HTML 1Page - Integrated Circuit Systems MK3235 Datasheet HTML 2Page - Integrated Circuit Systems MK3235 Datasheet HTML 3Page - Integrated Circuit Systems MK3235 Datasheet HTML 4Page - Integrated Circuit Systems  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
MK3235
Handheld System Clock Synthesizer
MDS 3235 D
4
Revision 092397
Printed 11/16/00
Integrated Circuit Systems, Inc.•525 Race Street•San Jose•CA•95126•(408)295-9800tel•www.icst.com
I C R O
C LOC K
b
D
E
H
e
Q
c
A
h x 45°
Package Outline and Package Dimensions
Ordering Information
16 pin SOIC narrow
Inches
Inches
Millimeters
Millimeters
Symbol
Min
Max
Min
Max
A
0.055
0.068
1.397
1.7272
b
0.013
0.019
0.330
0.483
c
0.007
0.010
0.191
0.254
D
0.385
0.400
9.779
10.160
E
0.150
0.160
3.810
4.064
H
0.225
0.245
5.715
6.223
e
.050 BSC
.050 BSC
1.27 BSC
1.27 BSC
h
0.016
0.406
Q
0.004
0.01
0.102
0.254
While the information presented herein has been checked for both accuracy and reliability, MicroClock Incorporated assumes no responsibility for either its use or for the
infringement of any patents or other rights of third parties, which would result from its use. No other circuits, patents, or licenses are implied. This product is intended for use in
normal commercial applications. Any other applications such as those requiring extended temperature range, high reliability, or other extraordinary environmental requirements
are not recommended without additional processing by MicroClock. MicroClock reserves the right to change any circuitry or specifications without notice. MicroClock does not
authorize or warrant any MicroClock product for use in life support devices or critical medical instruments.
Part/Order Number
Marking
Communications Clock
Package
Temperature
MK3235-01S
MK3235-01S
1.843 MHz
16 pin SOIC
0-70°C
MK3235-02S
MK3235-02S
3.686 MHz
16 pin SOIC
0-70°C
MK3235-01STR
MK3235-01S
1.843 MHz
Add Tape & Reel
0-70°C
MK3235-02STR
MK3235-02S
3.686 MHz
Add Tape & Reel
0-70°C



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com