Electronic Components Datasheet Search
  English  ▼

X  

MK3235 Datasheet(PDF) 1 Page - Integrated Circuit Systems

Part # MK3235
Description  Handheld System Clock Synthesizer
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

MK3235 Datasheet(HTML) 1 Page - Integrated Circuit Systems

  MK3235 Datasheet HTML 1Page - Integrated Circuit Systems MK3235 Datasheet HTML 2Page - Integrated Circuit Systems MK3235 Datasheet HTML 3Page - Integrated Circuit Systems MK3235 Datasheet HTML 4Page - Integrated Circuit Systems  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
MK3235
Handheld System Clock Synthesizer
MDS 3235 D
1
Revision 092397
Printed 11/16/00
Integrated Circuit Systems, Inc.•525 Race Street•San Jose•CA•95126•(408)295-9800tel•www.icst.com
I C R O
C LOC K
• Input crystal frequency of 32.768 kHz
• Lowest power solution available
• Lowest profile clock solution where height is critical
• Three output clocks
• 3.3V or 5.0V operation
• Duty cycle of 45/55
• 14.3MHz or 14.3MHz+Comm clock power downs
• Separate battery supply pin for 32 kHz runs to 2V
• IDD less than 4µA when 32 kHz running
• Packaged in 16 pin narrow SOIC
The MK3235 is the smallest size, lowest power system
clock synthesizer available. It is the ideal way to
generate clocks for handheld computers, such as PDAs,
PICs, and other devices where low power is required.
Using analog Phase-Locked Loop (PLL) techniques,
the device operates from a single 32.768 kHz crystal to
produce the 32.768kHz, 14.318MHz, and serial
communications output clocks.
The device has three power down modes for the
14.3MHz, communications, and 32.768kHz clocks.
The MK3235 can save board space and cost even if it
only replaces the 32kHz oscillator circuitry and one
additional surface mount crystal or oscillator. The
extremely low IDD, the ease of surface mounting, and
the power down capability are added benefits in using
the part.
Description
Features
Crystal
Oscillator
VDD
GND
14.318MHz
Clock Synthesis
and Control
Circuitry
14.3 MHz
32.768 kHz
1.843 or
3.686 MHz
Output
Buffer
Output
Buffer
Output
Buffer
32.768 kHz
crystal
Block Diagram
VDD32
PDCOMM
PD14
PD
X1
X2
Communications
Clock Synthesis
and Control
Circuitry


Similar Part No. - MK3235

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
MK3230 ICST-MK3230 Datasheet
68Kb / 4P
Portable System Clock Synthesizer
Revision 022798
MK3230-01S ICST-MK3230-01S Datasheet
68Kb / 4P
Portable System Clock Synthesizer
Revision 022798
MK3230-01STR ICST-MK3230-01STR Datasheet
68Kb / 4P
Portable System Clock Synthesizer
Revision 022798
MK3230-02S ICST-MK3230-02S Datasheet
68Kb / 4P
Portable System Clock Synthesizer
Revision 022798
MK3230-02STR ICST-MK3230-02STR Datasheet
68Kb / 4P
Portable System Clock Synthesizer
Revision 022798
More results

Similar Description - MK3235

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS650-05 ICST-ICS650-05 Datasheet
59Kb / 4P
HDTV Clock Synthesizer
Revision 081199
MK3230 ICST-MK3230 Datasheet
68Kb / 4P
Portable System Clock Synthesizer
Revision 022798
MK3233 ICST-MK3233 Datasheet
68Kb / 4P
Handheld System Clock Synthesizer
Revision 11070
MK3234 ICST-MK3234 Datasheet
67Kb / 4P
Portable System Clock Synthesizer
Revision 022798
logo
Pericom Semiconductor C...
PI6C103 PERICOM-PI6C103 Datasheet
568Kb / 12P
Precision Clock Synthesizer
logo
Integrated Circuit Syst...
ICS448-16 ICST-ICS448-16 Datasheet
126Kb / 7P
Networking Clock Synthesizer
Revision 031605
ICS1527 ICST-ICS1527 Datasheet
625Kb / 11P
Video Clock Synthesizer
Revision 110905
logo
Texas Instruments
CDC9171 TI1-CDC9171 Datasheet
79Kb / 5P
DVD SYSTEM CLOCK SYNTHESIZER
logo
Renesas Technology Corp
ICS650-11 RENESAS-ICS650-11 Datasheet
274Kb / 9P
NETWORKING CLOCK SYNTHESIZER
012313
ICS667-01 RENESAS-ICS667-01 Datasheet
312Kb / 7P
HDTV CLOCK SYNTHESIZER
051310
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com