Electronic Components Datasheet Search
  English  ▼

X  

M1 Datasheet(PDF) 1 Page - Bruckewell Technology LTD

Part # M1
Description  The plastic package carries Underwriters Laboratory
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BWTECH [Bruckewell Technology LTD]
Direct Link  http://www.bruckewell-semi.com
Logo BWTECH - Bruckewell Technology LTD

M1 Datasheet(HTML) 1 Page - Bruckewell Technology LTD

  M1_7 Datasheet HTML 1Page - Bruckewell Technology LTD M1_7 Datasheet HTML 2Page - Bruckewell Technology LTD M1_7 Datasheet HTML 3Page - Bruckewell Technology LTD M1_7 Datasheet HTML 4Page - Bruckewell Technology LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
M1_7
Reverse Voltage - 50 to 1000 Volts
Forward Current - 1.0 Ampere
Publication Order Number: [M1_7]
© Bruckewell Technology Corporation Rev. A -2014
Features
• The plastic package carries Underwriters Laboratory
Flammability Classification 94V-0
• For surface mounted applications
• Low reverse leakage
• Built-in strain relief, ideal for automated placement
• High forward surge current capability
• High temperature soldering guaranteed: 250°C/10
seconds at terminals
• RoHS compliant package
Mechanical Data
• Case: JEDEC DO-214AC molded plastic body
• Terminals: Solder plated, solderable per
MIL-STD-750,Method 2026
• Polarity: Color band denotes cathode end
• Mounting Position: Any
• Weight:0.003 ounce, 0.065 grams
Packing & Order Information
5,000/Reel
Graphic symbol
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Rating at 25 °C ambient temperature unless otherwise specifie.
Single phase, half wave, 60 Hz, resistive or inductive load
For capacitive load, derate current by 20%
Rating
Symbol
M1
M2
M3
M4
M5
M6
M7
Unit
Maximum Recurrent Peak Reverse Voltage
VRRM
50
100
200
400
600
800
1000
V
Maximum RMS Voltage
VRMS
35
70
140
280
420
560
700
V
Maximum DC Blocking Voltage
VDC
50
100
200
400
600
800
1000
V
Maximum Average Forward Current
Tc = 50°C
IF(AV)
1.0
A
Typical Thermal Resistance (Note 2)
RθJA
27
°C/W


Similar Part No. - M1_7

ManufacturerPart #DatasheetDescription
logo
Bothhand USA, LP.
M1-7S03 BOTHHAND-M1-7S03 Datasheet
51Kb / 2P
7~10 Watts Switching Adapter
logo
Vishay Siliconix
M117 VISHAY-M117 Datasheet
69Kb / 1P
enhancement-type n-channel MOSFET
1977
logo
ABB
M1170 ABB-M1170 Datasheet
38Kb / 1P
M1170 Modular socket: italian dual standard
logo
List of Unclassifed Man...
M1170-1 ETC1-M1170-1 Datasheet
201Kb / 4P
32 PATTERN VISION PERSISTENCE
M1170-1P ETC1-M1170-1P Datasheet
201Kb / 4P
32 PATTERN VISION PERSISTENCE
More results

Similar Description - M1_7

ManufacturerPart #DatasheetDescription
logo
Kersemi Electronic Co.,...
MBRF10150CT KERSEMI-MBRF10150CT Datasheet
894Kb / 2P
Plastic material used carries Underwriters Laboratory Classifications 94V-0
logo
SemiHow Co.,Ltd.
HDP10A20 SEMIHOW-HDP10A20 Datasheet
511Kb / 3P
Plastic Material used Carries Underwriters Laboratory
logo
List of Unclassifed Man...
HFM105 ETC2-HFM105 Datasheet
150Kb / 2P
Plastic package has Underwriters Laboratory
H31 ETC2-H31 Datasheet
126Kb / 2P
Plastic package has Underwriters Laboratory
logo
Yea Shin Technology Co....
MBRL120S YEASHIN-MBRL120S Datasheet
813Kb / 10P
Plastic package has Underwriters Laboratory
logo
Leshan Radio Company
DRS1M LRC-DRS1M_15 Datasheet
533Kb / 4P
Plastic package has Underwriters Laboratory
logo
Sangdest Microelectroni...
6A05-6A10 SMC-6A05-6A10 Datasheet
138Kb / 4P
The plastic package carries Underwriters Laboratory Flammability Classification 94V-0
BY251 SMC-BY251 Datasheet
154Kb / 4P
The plastic package carries Underwriters Laboratory Flammability Classification 94V-0
RS1A SMC-RS1A Datasheet
169Kb / 5P
The plastic package carries Underwriters Laboratory Flammability Classification 94V-0
logo
List of Unclassifed Man...
RS1AF-THR-RS1MF ETC2-RS1AF-THR-RS1MF Datasheet
529Kb / 2P
The plastic package carries Underwriters Laboratory Flammability Classification 94V-0
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com