Electronic Components Datasheet Search
  English  ▼

X  

M1 Datasheet(PDF) 2 Page - Bruckewell Technology LTD

Part # M1
Description  The plastic package carries Underwriters Laboratory
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BWTECH [Bruckewell Technology LTD]
Direct Link  http://www.bruckewell-semi.com
Logo BWTECH - Bruckewell Technology LTD

M1 Datasheet(HTML) 2 Page - Bruckewell Technology LTD

  M1_7 Datasheet HTML 1Page - Bruckewell Technology LTD M1_7 Datasheet HTML 2Page - Bruckewell Technology LTD M1_7 Datasheet HTML 3Page - Bruckewell Technology LTD M1_7 Datasheet HTML 4Page - Bruckewell Technology LTD  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
M1_7
Reverse Voltage - 50 to 1000 Volts
Forward Current - 1.0 Ampere
Publication Order Number: [M1_7]
© Bruckewell Technology Corporation Rev. A -2014
Rating at 25 °C ambient temperature unless otherwise specifie.
Single phase, half wave, 60 Hz, resistive or inductive load
For capacitive load, derate current by 20%
Rating
Symbol
KBL
400
KBL
401
KBL
402
KBL
404
KBL
406
KBL
408
KBL
410
Unit
Peak Forward Surge Current,
Single half sine wave
Superimposed on rated load
(JEDEC Method)
IFSM
30
V
Maximum Forward Voltage per Diode
at F = 1.0 A
VF
1.1
V
Maximum DC Reverse Current Ta = 25°C
IR
5
V
at Rated DC Blocking Voltage Ta = 100°C
200
A
Typical Junction capacitance (Note 1)
CJ
15
°C
Operating junction and storage
temperature range
TJ,TSTG
-65 to +150
°C
NOTE:
1.Pulse test: Pulse width 300us, duty cycle 1%



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com