Electronic Components Datasheet Search
  English  ▼

X  

SSM2017 Datasheet(PDF) 6 Page - Analog Devices

Part # SSM2017
Description  Self-Contained Audio Preamplifier
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

SSM2017 Datasheet(HTML) 6 Page - Analog Devices

  SSM2017_15 Datasheet HTML 1Page - Analog Devices SSM2017_15 Datasheet HTML 2Page - Analog Devices SSM2017_15 Datasheet HTML 3Page - Analog Devices SSM2017_15 Datasheet HTML 4Page - Analog Devices SSM2017_15 Datasheet HTML 5Page - Analog Devices SSM2017_15 Datasheet HTML 6Page - Analog Devices SSM2017_15 Datasheet HTML 7Page - Analog Devices SSM2017_15 Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
SSM2017
–6–
REV. B
Figure 21. Bandwidth of the SSM2017 for Various Values
of Gain
NOISE PERFORMANCE
The SSM2017 is a very low noise audio preamplifier exhibiting
a typical voltage noise density of only 1 nV/
√Hz at 1 kHz. The
exceptionally low noise characteristics of the SSM2017 are in
part achieved by operating the input transistors at high collector
currents since the voltage noise is inversely proportional to the
square root of the collector current. Current noise, however, is
directly proportional to the square root of the collector current.
As a result, the outstanding voltage noise performance of the
SSM2017 is obtained at the expense of current noise perfor-
mance. At low preamplifier gains, the effect of the SSM2017’s
voltage and current noise is insignificant.
The total noise of an audio preamplifier channel can be calcu-
late by:
En =
en 2 +(inRS )2 + et
2
where:
En = total input referred noise
en = amplifier voltage noise
in = amplifier current noise
RS = source resistance
et = source resistance thermal noise.
For a microphone preamplifier, using a typical microphone im-
pedance of 150
Ω the total input referred noise is:
en = 1 nV/√Hz @ 1 kHz, SSM2017 en
in = 2 pA/√Hz @ 1 kHz, SSM2017 in
RS = 150 Ω, microphone source impedance
et = 1.6 nV/√Hz @ 1 kHz, microphone thermal noise
En =
√(1 nV√Hz)2 + 2 (pA/√Hz × 150 Ω)2 + (1.6 nV/√Hz)2
= 1.93 nV/
√Hz @ 1 kHz.
This total noise is extremely low and makes the SSM2017
virtually transparent to the user.
AV
dB
RG
10
NC
3.2
10
4.7k
10
20
1.1k
31.3
30
330
100
40
100
314
50
32
1000
60
10
G =
V
OUT
(+In) – (In)
= 10 k
RG


+1
Basic Circuit Connections
GAIN
The SSM2017 only requires a single external resistor to set the
voltage gain. The voltage gain, G, is:
G =
10 k
Ω
RG
+1
and
RG =
10 k
Ω
G –1
For convenience, Table I lists various values of RG for common
gain levels.
Table I. Values of RG for Various Gain Levels
The voltage gain can range from 1 to 3500. A gain set resistor is
not required for unity gain applications. Metal-film or wire-
wound resistors are recommended for best results.
The total gain accuracy of the SSM2017 is determined by the
tolerance of the external gain set resistor, RG, combined with the
gain equation accuracy of the SSM2017. Total gain drift com-
bines the mismatch of the external gain set resistor drift with
that of the internal resistors (20 ppm/
°C typ).
Bandwidth of the SSM2017 is relatively independent of gain as
shown in Figure 21. For a voltage gain of 1000, the SSM2017
has a small-signal bandwidth of 200 kHz. At unity gain, the
bandwidth of the SSM2017 exceeds 4 MHz.
OBSOLETE



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com