Electronic Components Datasheet Search
  English  ▼

X  

SSM2017 Datasheet(PDF) 8 Page - Analog Devices

Part # SSM2017
Description  Self-Contained Audio Preamplifier
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

SSM2017 Datasheet(HTML) 8 Page - Analog Devices

  SSM2017_15 Datasheet HTML 1Page - Analog Devices SSM2017_15 Datasheet HTML 2Page - Analog Devices SSM2017_15 Datasheet HTML 3Page - Analog Devices SSM2017_15 Datasheet HTML 4Page - Analog Devices SSM2017_15 Datasheet HTML 5Page - Analog Devices SSM2017_15 Datasheet HTML 6Page - Analog Devices SSM2017_15 Datasheet HTML 7Page - Analog Devices SSM2017_15 Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
SSM2017
–8–
REV. B
BUS SUMMING AMPLIFIER
In addition to is use as a microphone preamplifier, the SSM2017
can be used as a very low noise summing amplifier. Such a cir-
cuit is particularly useful when many medium impedance out-
puts are summed together to produce a high effective noise gain.
The principle of the summing amplifier is to ground the
SSM2017 inputs. Under these conditions, Pins 1 and 8 are ac
virtual grounds sitting about 0.55 V below ground.
To remove the 0.55 V offset, the circuit of Figure 24 is
recommended.
A2 forms a “servo” amplifier feeding the SSM2017’s inputs.
This places Pins l and 8 at a true dc virtual ground. R4 in con-
junction with C2 remove the voltage noise of A2, and in fact just
about any operational amplifier will work well here since it is re-
moved from the signal path. If the dc offset at Pins l and 8 is not
too critical, then the servo loop can be replaced by the diode bi-
asing scheme of Figure 24. If ac coupling is used throughout,
then Pins 2 and 3 may be directly grounded.
Figure 24. Bus Summing Amplifier
OUTLINE DIMENSIONS
Dimensions shown in inches and (mm).
8-Pin Plastic DIP (P) Package
8-Pin Hermetic DIP (Z) Package
16-Pin SOIC (S) Package
OBSOLETE



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com