Electronic Components Datasheet Search
  English  ▼

X  

MK715 Datasheet(PDF) 13 Page - Integrated Circuit Systems

Part # MK715
Description  Touch Screen Controller
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

MK715 Datasheet(HTML) 13 Page - Integrated Circuit Systems

Back Button MK715 Datasheet HTML 9Page - Integrated Circuit Systems MK715 Datasheet HTML 10Page - Integrated Circuit Systems MK715 Datasheet HTML 11Page - Integrated Circuit Systems MK715 Datasheet HTML 12Page - Integrated Circuit Systems MK715 Datasheet HTML 13Page - Integrated Circuit Systems MK715 Datasheet HTML 14Page - Integrated Circuit Systems MK715 Datasheet HTML 15Page - Integrated Circuit Systems MK715 Datasheet HTML 16Page - Integrated Circuit Systems MK715 Datasheet HTML 17Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 22 page
background image
13
MK715
Recommended Circuit
When the screen is untouched, the Y plate is driven high and the X plate is driven low. When the screen is touched, the
X plate is pulled high, which is detected by the MK715. This initiates a conversion, as long as conversions at rate
(ENCONR) are enabled. Some de-bounce is provided by the time constant of the screen decoupling capacitors
combined with the screen resistance. However, once conversions have started, pen bounce will not be detected until
after the current X or Y points have been taken.
If the pen is lifted during a conversion, this will also not be detected until the conversion is complete.
Pen Bounce
TOUCH#
INT
PL
XL
XH
YH
GP
SK
CS
D0
DI
GND
VDD
X2
X1
To Interrupt Controller
To Microcontroller
To Power Management
CAP3
CAP2
CAP1
YL
CLKOUT
To Touch
Screen
From
Microprocessor
32.768 kHz
Crystal
+ 3.3V or +5V
Analog Voltage
All 0.01mF
0.01mF
1mF
0.01mF
The capacitors connected to CAP1 and CAP3 must be low leakage, ceramic type capacitors.
100kW 0.01mF
470 pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com