Electronic Components Datasheet Search
  English  ▼

X  

MK715 Datasheet(PDF) 9 Page - Integrated Circuit Systems

Part # MK715
Description  Touch Screen Controller
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

MK715 Datasheet(HTML) 9 Page - Integrated Circuit Systems

Back Button MK715 Datasheet HTML 5Page - Integrated Circuit Systems MK715 Datasheet HTML 6Page - Integrated Circuit Systems MK715 Datasheet HTML 7Page - Integrated Circuit Systems MK715 Datasheet HTML 8Page - Integrated Circuit Systems MK715 Datasheet HTML 9Page - Integrated Circuit Systems MK715 Datasheet HTML 10Page - Integrated Circuit Systems MK715 Datasheet HTML 11Page - Integrated Circuit Systems MK715 Datasheet HTML 12Page - Integrated Circuit Systems MK715 Datasheet HTML 13Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 22 page
background image
9
MK715
The serial port has 4 pins - serial clock (SK), chip select (CS), data in (DI), and data out (DO). The SK acts on the rising
edge. The CS acts as a reset for the serial port with CS going high initiating a cycle. The cycle consists of 2 parts -
a write followed by a read. Each part consists of 12 bits. Refer to the serial port diagram on page 10 and timing
diagram on page 20.
After CS goes high, any number of leading zeros can occur on DI. When a one is presented (even if this is the first bit
after CS goes high), this becomes the start bit. The start bit is followed by 3 op-code bits. The first is a write bit (WR),
which determines whether the data following is actually loaded into the appropriate register or not. The next two bits
are address bits, which select 1 of 4 on-chip registers. The last 8 bits are data. If WR was low, then these data bits are
ignored.
On the fourteenth SK rising edge after a start bit, DO is released from tri-state and data is clocked out of the part. This
is the read part of the cycle. The register to be read is selected with the op-code address. The data are 12 bits long.
For the result of a conversion (which is stored in register 2), this data consists of 10 bits from the ADC, a bit identifying
an X or a Y coordinate, and a bit identifying a screen conversion or a general purpose conversion. For the other 3
registers, the data are only 8 bits long, so the 12 bit output word contains four leading zeros.
After the 12 data bits are clocked out, the DO pin stays active and bits will continue to appear until CS goes low. See
the following page for the timing diagram.
Three-Wire Serial Port
To configure the serial port for 3 wires, DI must be connected to DO to form a bi-directional data line. All other timing
and configuration remain unchanged.
Touch Screen Serial Port (Four Wire)
The MK715 generates an interrupt to signal a change in touch status or to signal that a conversion is complete. The
INT pin (pin 2) goes high to signal an interrupt. Interrupts are then cleared by reading any register. However, if the
MK715 is in the process of generating an interrupt during a read cycle, then the interrupt is not cleared and INT will
stay high. This internal process may take 100ns, and so to guarantee that the interrupt is cleared, two successive read
cycles may be necessary.
Interrupts
Warning - Operation under a Power Supply Switching Regulator
When using the MK715 in a system where the power is supplied by a switching regulator, do not perform screen
conversions when the regulator is operating in the power saving mode. Some switching regulators feature a low
power mode (for example, Linear Technology's "Burst Mode") where the output is turned on and off in order to save
power. The extra power supply noise generated when using this mode causes spurious data points to be returned
from the MK715, so it should be disabled when the MK715 is doing screen conversions.
Data is written to, and read from, the MK715 via the serial port. When writing, only 8 data bits can be
written to each 12 bit register. The 4 highest order bits (D8-D11) in each register are read only and can
never be writtern. When reading, all 12 bits are returned.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com