Electronic Components Datasheet Search
  English  ▼

X  

MK712SI Datasheet(PDF) 15 Page - Integrated Circuit Systems

Part # MK712SI
Description  Touch Screen Controller
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

MK712SI Datasheet(HTML) 15 Page - Integrated Circuit Systems

Back Button MK712SI Datasheet HTML 8Page - Integrated Circuit Systems MK712SI Datasheet HTML 9Page - Integrated Circuit Systems MK712SI Datasheet HTML 10Page - Integrated Circuit Systems MK712SI Datasheet HTML 11Page - Integrated Circuit Systems MK712SI Datasheet HTML 12Page - Integrated Circuit Systems MK712SI Datasheet HTML 13Page - Integrated Circuit Systems MK712SI Datasheet HTML 14Page - Integrated Circuit Systems MK712SI Datasheet HTML 15Page - Integrated Circuit Systems MK712SI Datasheet HTML 16Page - Integrated Circuit Systems  
Zoom Inzoom in Zoom Outzoom out
 15 / 16 page
background image
MK712
Touch Screen Controller
MDS 712 I
15
Revision 100899
Printed 11/16/00
Integrated Circuit Systems, Inc.•525 Race St.•San Jose•CA•95126•(408)295-9800tel•www.icst.com
I C R O
C LOC K
Suggested Layout
G
G
G
V
V
G = connection to ground plane
V = connection to VDD plane
0.1µF
0.1µF
0.01µF
0.1µF 0.1µF
0.01µF
22µF
To
Touch
Screen
Pin 1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
26
27
28
Notes:
1. The 14.318 MHz input clock on pin 18 should have a 33
Ω series termination resistor at its source.
Consult MicroClock for the best way to generate this clock.
2. All digital signals should be kept well away from pins 4, 5, 6, 7, 8, 9, 10, and 11, and any traces
connected to those pins.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com