Electronic Components Datasheet Search
  English  ▼

X  

MK712SI Datasheet(PDF) 10 Page - Integrated Circuit Systems

Part # MK712SI
Description  Touch Screen Controller
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

MK712SI Datasheet(HTML) 10 Page - Integrated Circuit Systems

Back Button MK712SI Datasheet HTML 6Page - Integrated Circuit Systems MK712SI Datasheet HTML 7Page - Integrated Circuit Systems MK712SI Datasheet HTML 8Page - Integrated Circuit Systems MK712SI Datasheet HTML 9Page - Integrated Circuit Systems MK712SI Datasheet HTML 10Page - Integrated Circuit Systems MK712SI Datasheet HTML 11Page - Integrated Circuit Systems MK712SI Datasheet HTML 12Page - Integrated Circuit Systems MK712SI Datasheet HTML 13Page - Integrated Circuit Systems MK712SI Datasheet HTML 14Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
MK712
Touch Screen Controller
MDS 712 I
10
Revision 100899
Printed 11/16/00
Integrated Circuit Systems, Inc.•525 Race St.•San Jose•CA•95126•(408)295-9800tel•www.icst.com
I C R O
C LOC K
Electrical Specifications
Notes:
1. Stresses beyond those listed under Absolute Maximum Ratings could cause permanent damage to the device. Prolonged
exposure to levels above the operating limits but below the Absolute Maximums may affect device reliability.
2. Consult MicroClock about the best device to use to generate the input clock.
3. With no missing codes.
4. Assumes no 14.3MHz input clock overshoot, 300
Ω screen, 100 PPS
5. Assumes no 14.3MHz input clock overshoot, no touch
6. With no touch, no clock
Parameter
Conditions
Minimum
Typical
Maximum
Units
ABSOLUTE MAXIMUM RATINGS (note 1)
ABSOLUTE MAXIMUM RATINGS (note 1)
Supply voltage, VDD
Referenced to GND
7
V
Inputs and Clock Outputs
Referenced to GND
-0.5
VDD+0.5
V
Ambient Operating Temperature
0
70
°C
Soldering Temperature
Max of 20 seconds
260
°C
Storage temperature
-65
150
°C
DC CHARACTERISTICS
Operating Voltage, VDD
3.0
5.5
V
Input High Voltage, VIH
VDD=5V
2.0
V
Input Low Voltage, VIL
VDD=5V
0.8
V
Output High Voltage, VOH
IOH=-2mA
VDD-0.4
V
Output High Voltage, VOH
VDD=5V, IOH=-12mA
2.4
V
Output Low Voltage, VOL
VDD=5V, IOL=12mA
0.4
V
Input High Voltage, VIH
VDD=3.3V
1.9
V
Input Low Voltage, VIL
VDD=3.3V
0.4
V
Output High Voltage, VOH
VDD=3.3V, IOH=-6mA
2.4
V
Output Low Voltage, VOL
VDD=3.3V, IOL=6mA
0.4
V
Operating Supply Current, IDD, at VDD=5V
300
Ω screen, 100 PPS
5
mA
Operating Supply Current, IDD, at VDD=3.3V
note 4
3
mA
Operating Supply Current, IDD standby, clock
note 5
0.5
3
µA
Operating Supply Current, IDD standby
note 6
0.5
3
µA
Operating Supply Current, IDD power down
PD=0 or PD=1, no clock
0.2
3
µA
Short Circuit Current
Each output
±50
mA
Input Capacitance
7
pF
AC CHARACTERISTICS
Input Clock Frequency, pin 18
Note 2
12
14.32
20
MHz
Input Clock Duty Cycle, pin 18
at 1.5V
25
75
%
Output Rise Time
0.8 to 2.0V, VDD=5V
3
ns
Output Fall Time
2.0 to 0.8V, VDD=5V
3
ns
Resolution
12
bits
Non-linearity
Monotonic, note 3
±2
LSB
Touch Screen Resistance
100
2000
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com