Electronic Components Datasheet Search
  English  ▼

X  

PSICS9169-01 Datasheet(PDF) 3 Page - Integrated Circuit Systems

Part # PSICS9169-01
Description  Frequency Generator and Integrated Buffers for Intel Pentium and Pentium ProTM mPs
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

PSICS9169-01 Datasheet(HTML) 3 Page - Integrated Circuit Systems

  PSICS9169-01 Datasheet HTML 1Page - Integrated Circuit Systems PSICS9169-01 Datasheet HTML 2Page - Integrated Circuit Systems PSICS9169-01 Datasheet HTML 3Page - Integrated Circuit Systems PSICS9169-01 Datasheet HTML 4Page - Integrated Circuit Systems PSICS9169-01 Datasheet HTML 5Page - Integrated Circuit Systems PSICS9169-01 Datasheet HTML 6Page - Integrated Circuit Systems PSICS9169-01 Datasheet HTML 7Page - Integrated Circuit Systems PSICS9169-01 Datasheet HTML 8Page - Integrated Circuit Systems PSICS9169-01 Datasheet HTML 9Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
3
ICS9169-01
Absolute Maximum Ratings
.
Electrical Characteristics at 3.3 V
Stresses above those listed under Absolute Maximum Ratings may cause permanent damage to the device. These ratings are stess
specifications only and functional operation of the device at these or any other conditions above those listed in the operational
sections of the specifications is not implied. Exposure to absolute maximum rating conditions for extended periods may affect
product reliability.
Stresses a
stess spec
operation
periods m
Supply Voltage .................................................................................................................................................................. 7.0 V
Logic Inputs ............................................................................................................................ GND - 0.5 V to VDD + 0.5 V
Ambient Operating Temperature ........................................................................................................................... 0 to +70 C
Storage Temperature ......................................................................................................................................... -65 to +150 C
VDD = 3.0 - 3.7 V, TA = 0 - 70
oC unless otherwise stated
Note 1: Parameter is guaranteed by design and characterization. Not 100% tested in production.
DC Characteristics
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNITS
Input Low Voltage
VIL
--
0.2VDD
V
Input High Voltage
VIH
0.7VDD
--
V
Input Low Current
IIL
V
IN = 0 V
-28.0
-10.5
-
µA
Input High Current
IIH
VIN = VDD
-5.0
-
5.0
µA
Output Low Current1
IOL
VOL = 0.8 V;
for PCLKs & BCLKs
30.0
47.0
-
mA
Output High Current1
IOH
VOL = 2.0 V; for
PCLKs & BCLKs
-
-66.0
-42.0
mA
Output Low Current1
IOL
VOL=0.8V; for fixed CLKs
25.0
38.0
-
mA
Output High Current1
IOH
VOL=2.0V; for fixed CLKs
-
-47.0
-30.0
mA
Output Low Voltage1
VOL
IOL = 15 mA; for PCLKs & BCLKs
-
0.3
0.4
V
Output High Voltage1
VOH
IOH = -30 mA;
for PCLKs & BCLKs
2.4
2.8
-
V
Output Low Voltage1
VOL
IOL=12.5mA; for fixed CLKs
-
0.3
0.4
V
Output High Voltage1
VOH
IOH = -20mA;
for fixed CLKs
2.4
2.8
-
V
Supply Current
IDD
@ 66.5 MHz; all outputs unloaded
-
55
110
mA



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com