Electronic Components Datasheet Search
  English  ▼

X  

PSICS9169-01 Datasheet(PDF) 4 Page - Integrated Circuit Systems

Part # PSICS9169-01
Description  Frequency Generator and Integrated Buffers for Intel Pentium and Pentium ProTM mPs
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

PSICS9169-01 Datasheet(HTML) 4 Page - Integrated Circuit Systems

  PSICS9169-01 Datasheet HTML 1Page - Integrated Circuit Systems PSICS9169-01 Datasheet HTML 2Page - Integrated Circuit Systems PSICS9169-01 Datasheet HTML 3Page - Integrated Circuit Systems PSICS9169-01 Datasheet HTML 4Page - Integrated Circuit Systems PSICS9169-01 Datasheet HTML 5Page - Integrated Circuit Systems PSICS9169-01 Datasheet HTML 6Page - Integrated Circuit Systems PSICS9169-01 Datasheet HTML 7Page - Integrated Circuit Systems PSICS9169-01 Datasheet HTML 8Page - Integrated Circuit Systems PSICS9169-01 Datasheet HTML 9Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
4
ICS9169-01
Electrical Characteristics at 3.3 V
VDD = 3.0 - 3.7 V, TA = 0 - 70
oC unless otherwise stated
Note 1: Parameter is guaranteed by design and characterization. Not 100% tested in production.
AC Characteristics
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNITS
Rise Time1
Tr1
20pF load, 0.8 to 2.0V
PCLK & BCLK
-0.9
1.5
ns
Fall Time1
Tf1
20pF load, 2.0 to 0.8V
PCLK & BCLK
-0.8
1.4
ns
Rise Time1
Tr2
20pF load, 20% to 80%
PCLK & BCLK
-1.5
2.5
ns
Fall Time1
Tf2
20pF load, 80% to 20%
PCLK & BCLK
-1.4
2.4
ns
Duty Cycle1
Dt
20pF load
@ VOUT = 1.4 V
45
50
55
%
Jitter, One Sigma1
Tj1s1
PCLK & BCLK Clocks;
Load=20pF,
FOUT >25 MHz
-
50
150
ps
Jitter, Absolute1
Tjab1
PCLK & BCLK Clocks;
Load=20pF,
FOUT >25 MHz
-250
-
250
ps
Jitter, One Sigma1
Tj1s2
Fixed CLK; Load=20pF
-
1
3
%
Jitter, Absolute1
Tjab2
Fixed CLK; Load=20pF
-5
2
5
%
Input Frequency1
Fj
12.0
14.318
16.0
MHz
Logic Input
Capacitance1
CIN
Logic input pins
-
5
-
pF
Crystal Oscillator
Capacitance1
CINX
X1, X2 pins
-
18
-
pF
Power-on Time1
ton
From VDD=1.6V to 1st
crossing of 66.5 MHz VDD
supply ramp < 40 ms
-2.5
4.5
ms
Frequency Settling
Time1
ts
From 1st crossing of
acquisition to < 1% settling
-2.0
4.0
ms
Clock Skew
Window1
Tsk1
PCLK to PCLK;
Load=20pF; @1.4V
-
150
250
ps
Clock Skew
Window1
Tsk2
BCLK to BCLK;
Load=20pF; @1.4V
-
300
500
ps
Clock Skew
Window1
Tsk3
PCLK to BCLK;
Load=20pF; @1.4V
12.6
5
ns



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com