Electronic Components Datasheet Search
  English  ▼

X  

ICT49FCT3805ASOG Datasheet(PDF) 2 Page - Integrated Device Technology

Part # ICT49FCT3805ASOG
Description  3.3V CMOS BUFFER/CLOCK DRIVER
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

ICT49FCT3805ASOG Datasheet(HTML) 2 Page - Integrated Device Technology

  ICT49FCT3805ASOG Datasheet HTML 1Page - Integrated Device Technology ICT49FCT3805ASOG Datasheet HTML 2Page - Integrated Device Technology ICT49FCT3805ASOG Datasheet HTML 3Page - Integrated Device Technology ICT49FCT3805ASOG Datasheet HTML 4Page - Integrated Device Technology ICT49FCT3805ASOG Datasheet HTML 5Page - Integrated Device Technology ICT49FCT3805ASOG Datasheet HTML 6Page - Integrated Device Technology ICT49FCT3805ASOG Datasheet HTML 7Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
2
COMMERCIALANDINDUSTRIALTEMPERATURERANGE
IDT49FCT3805/A
3.3VCMOSBUFFER/CLOCKDRIVER
ABSOLUTE MAXIMUM RATINGS(1)
Symbol
Description
Max
Unit
VTERM(2)
TerminalVoltagewithRespecttoGND
–0.5 to +4.6
V
VTERM(3)
TerminalVoltagewithRespecttoGND
–0.5 to +7
V
VTERM(4)
TerminalVoltagewithRespecttoGND
–0.5toVCC+0.5
V
TSTG
StorageTemperature
–65to+150
°C
IOUT
DCOutputCurrent
–60to+60
mA
NOTES:
1. Stresses greater than those listed under ABSOLUTE MAXIMUM RATINGS may cause
permanent damage to the device. This is a stress rating only and functional operation
of the device at these or any other conditions above those indicated in the operational
sections of this specification is not implied. Exposure to absolute maximum rating
conditions for extended periods may affect reliability.
2. VCC terminals.
3. Input terminals.
4. Outputs and I/O terminals.
CAPACITANCE (TA = +25OC, f = 1.0MHz)
Symbol
Parameter(1)
Conditions
Typ.
Max.
Unit
CIN
InputCapacitance
VIN = 0V
4.5
6
pF
COUT
OutputCapacitance
VOUT = 0V
5.5
8
pF
NOTE:
1. This parameter is measured at characterization but not tested.
PIN DESCRIPTION
Pin Names
Description
OEA, OEB
3-StateOutputEnableInputs(ActiveLOW)
INA, INB
Clock Inputs
OAn, OBn
ClockOutputs
MON
MonitorOutput
FUNCTION TABLE(1)
Inputs
Outputs
OEA, OEB
INA, INB
OAn, OBn
MON
LL
L
L
LHH
H
HLZ
L
HH
Z
H
NOTE:
1. H = HIGH
L = LOW
Z = High-Impedance



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com