Electronic Components Datasheet Search
  English  ▼

X  

ICT49FCT3805ASOG Datasheet(PDF) 3 Page - Integrated Device Technology

Part # ICT49FCT3805ASOG
Description  3.3V CMOS BUFFER/CLOCK DRIVER
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

ICT49FCT3805ASOG Datasheet(HTML) 3 Page - Integrated Device Technology

  ICT49FCT3805ASOG Datasheet HTML 1Page - Integrated Device Technology ICT49FCT3805ASOG Datasheet HTML 2Page - Integrated Device Technology ICT49FCT3805ASOG Datasheet HTML 3Page - Integrated Device Technology ICT49FCT3805ASOG Datasheet HTML 4Page - Integrated Device Technology ICT49FCT3805ASOG Datasheet HTML 5Page - Integrated Device Technology ICT49FCT3805ASOG Datasheet HTML 6Page - Integrated Device Technology ICT49FCT3805ASOG Datasheet HTML 7Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
3
IDT49FCT3805/A
3.3VCMOSBUFFER/CLOCKDRIVER
COMMERCIALANDINDUSTRIALTEMPERATURERANGE
DC ELECTRICAL CHARACTERISTICS OVER OPERATING RANGE
FollowingConditionsApplyUnlessOtherwiseSpecified
Commercial: TA = 0°C to +70°C, Industrial: TA = -40°C to +85°C, VCC = 3.3V ± 0.3V
Symbol
Parameter
TestConditions(1)
Min.
Typ.
Max.
Unit
VIH
Input HIGH Level (Input pins)
Guaranteed Logic HIGH Level
2
—
5.5
V
Input HIGH Level (I/O pins)
2
—
VCC + 0.5
VIL
Input LOW Level (Input and I/O pins)
GuaranteedLogicLOWLevel
–0.5
—
0.8
V
IIH
Input HIGH Current (Input pins)
VCC = Max.
VI = 5.5V
—
—
±1
Input HIGH Current (I/O pins)
VI = VCC
——
±1µA
IIL
InputLOWCurrent(Inputpins)
VCC = Max.
VI = GND
—
—
±1
Input LOW Current (I/O pins)
VI = GND
—
—
±1
IOZH
HighImpedenceOutputCurrent
VCC = Max.
VO = VCC
——
±1µA
IOZL
(3-StateOutputPins)
VO = GND
—
—
±1
VIK
ClampDiodeVoltage
VCC = Min., IIN = –18mA
—
–0.7
–1.2
V
IODH
Output HIGH Current
VCC = 3.3V, VIN = VIH or VIL, VO = 1.5V(3)
–36
–60
–110
mA
IODL
OutputLOWCurrent
VCC = 3.3V, VIN = VIH or VIL, VO = 1.5V(3)
50
90
200
mA
VOH
Output HIGH Voltage
VCC = Min.
IOH = –0.1mA
VCC–0.2
—
—
VIN = VIH or VIL
IOH = –8mA
2.4(5)
3—
V
VOL
OutputLOWVoltage
VCC = Min.
IOL = 0.1mA
—
—
0.2
VIN = VIH or VIL
IOL = 16mA
—
0.2
0.4
V
IOL = 24mA
—
0.3
0.5
IOFF
InputPowerOffLeakage
VCC = 0V, VIN = 4.5V
—
—
±1µA
IOS
ShortCircuitCurrent(4)
VCC = Max., VO = GND(3)
–60
–135
–240
mA
VH
InputHysteresis
—
—
150
—
mV
ICCL
Quiescent Power Supply Current
VCC = Max.
—
0.1
10
µA
ICCH
VIN = GND or VCC
ICCZ
NOTES:
1. For conditions shown as Max. or Min., use appropriate value specified under Electrical Characteristics for the applicable device type.
2. Typical values are at Vcc = 3.3V, +25°C ambient.
3. Not more than one output should be shorted at one time. Duration of the test should not exceed one second.
4. This parameter is guaranteed but not tested.
5. VOH = Vcc - 0.6V at rated current.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com