Electronic Components Datasheet Search
  English  ▼

X  

MS10N65 Datasheet(PDF) 2 Page - Bruckewell Technology LTD

Part # MS10N65
Description  N-Channel Enhancement Mode Power MOSFET
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BWTECH [Bruckewell Technology LTD]
Direct Link  http://www.bruckewell-semi.com
Logo BWTECH - Bruckewell Technology LTD

MS10N65 Datasheet(HTML) 2 Page - Bruckewell Technology LTD

  MS10N65 Datasheet HTML 1Page - Bruckewell Technology LTD MS10N65 Datasheet HTML 2Page - Bruckewell Technology LTD MS10N65 Datasheet HTML 3Page - Bruckewell Technology LTD MS10N65 Datasheet HTML 4Page - Bruckewell Technology LTD MS10N65 Datasheet HTML 5Page - Bruckewell Technology LTD MS10N65 Datasheet HTML 6Page - Bruckewell Technology LTD  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
MS10N65
N-Channel Enhancement Mode Power MOSFET
Publication Order Number: [MS10N65]
© Bruckewell Technology Corporation Rev. A -2014
Absolute Maximum Ratings (Tc=25°C unless otherwise specified)
Symbol
Parameter
Value
Unit
PD
Power Dissipation (TC=25°C)
5.5
W
Power Dissipation (TC=100°C)
0.4
W
TJ/TSTG
Operating Junction and Storage Temperature
-55 to +150
°C
NOTE:
1. Repetitive rating; pulse width limited by maximum junction temperature.
Thermal characteristics (Tc=25°C unless otherwise noted)
Symbol
Parameter
Typ.
Max.
Units
RθJC
Typical thermal resistance
--
0.8
°C/W
RθJA
--
62.5
Static Characteristics
Symbol
Test Conditions
Min
Typ.
Max.
Units
VGS
VDS = VGS, ID = 250μA
2.0
4.0
V
*RDS(ON)
VGS = 10 V , ID = 4.75 A
--
0.7
0.85
m
Ω
BVDSS
VGS = 0 V , ID = 250μA
650
710
--
V
△BV
DSS /△TJ
ID = 250μA, Referenced to 25°C
0.6
IDSS
VDS = 650 V , VGS = 0 V
VDS = 520 V , VGS = 0 V , Tj = 125°C
--
--
10
100
uA
GFS
VDS = 30 V, VDS = 0 V
100
S
IGSS
VDS = -30 V, VDS = 0 V
--
--
-100
nA
Switching Characteristics
Symbol
Test Conditions
Min
Typ.
Max.
Units
Qg
VDS = 520 V,ID = 10 A,
VGS = 10 V
--
30
40
nC
Qgs
--
5
--
Qgd
--
14
--
td(on)
VDS = 325 V, ID = 10 A,
RG = 25 Ω
--
20
40
ns
tr
--
30
60
ns
td(off)
--
90
180
ns
tf
--
40
80
ns
CISS
VDS = 25 V, VGS = 0 V,
f = 1.0MHz
--
1210
1580
pF
COSS
--
145
190
pF
CRSS
--
16
20
pF



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com