Electronic Components Datasheet Search
  English  ▼

X  

MS10N65 Datasheet(PDF) 3 Page - Bruckewell Technology LTD

Part # MS10N65
Description  N-Channel Enhancement Mode Power MOSFET
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BWTECH [Bruckewell Technology LTD]
Direct Link  http://www.bruckewell-semi.com
Logo BWTECH - Bruckewell Technology LTD

MS10N65 Datasheet(HTML) 3 Page - Bruckewell Technology LTD

  MS10N65 Datasheet HTML 1Page - Bruckewell Technology LTD MS10N65 Datasheet HTML 2Page - Bruckewell Technology LTD MS10N65 Datasheet HTML 3Page - Bruckewell Technology LTD MS10N65 Datasheet HTML 4Page - Bruckewell Technology LTD MS10N65 Datasheet HTML 5Page - Bruckewell Technology LTD MS10N65 Datasheet HTML 6Page - Bruckewell Technology LTD  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
MS10N65
N-Channel Enhancement Mode Power MOSFET
Publication Order Number: [MS10N65]
© Bruckewell Technology Corporation Rev. A -2014
Source-Drain Diode Characteristics
Symbol
Test Conditions
Min
Typ.
Max.
Units
IS
--
--
9.5
A
ISM
--
--
38
VSD
IF = 10 A , VGS = 0 V
--
--
1.5
V
trr
IF = 10 A , VGS = 0 V , dIF/dt=100A/μs
--
450
--
ns
Qrr
--
4.2
--
uC
Notes:
1. Repeativity rating : pulse width limited by junction temperature
2. IAS=10A, VDD=50V, RG=25Ω, Starting TJ =25°C
3. ISD≤10A, di/dt≤300A/μs, VDD≤BVDSS , Starting TJ =25 °C
4. Pulse Test : Pulse Width ≤ 300us, Duty Cycle ≤ 2%
5. Essentially independent of operating temperature.
Ordering Information
Package
Shipping
TO-220
50 pcs/tube



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com