Electronic Components Datasheet Search
  English  ▼

X  

IDT71216 Datasheet(PDF) 3 Page - Integrated Device Technology

Part # IDT71216
Description  BiCMOS StaticRAM 240K (16K x 15-BIT) CACHE-TAG RAM For PowerPCO and RISC Processors
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT71216 Datasheet(HTML) 3 Page - Integrated Device Technology

  IDT71216 Datasheet HTML 1Page - Integrated Device Technology IDT71216 Datasheet HTML 2Page - Integrated Device Technology IDT71216 Datasheet HTML 3Page - Integrated Device Technology IDT71216 Datasheet HTML 4Page - Integrated Device Technology IDT71216 Datasheet HTML 5Page - Integrated Device Technology IDT71216 Datasheet HTML 6Page - Integrated Device Technology IDT71216 Datasheet HTML 7Page - Integrated Device Technology IDT71216 Datasheet HTML 8Page - Integrated Device Technology IDT71216 Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
14.3
3
IDT71216
BiCMOS 16K x 15 CACHE-TAG RAM
COMMERCIAL TEMPERATURE RANGE
FUNCTIONAL BLOCK DIAGRAM
CLK
SFUNC
ADDR (0:13)
VLD/S1OUT
DLY/S2OUT
WT/S3OUT
RESET
WET
WES
16K x 12
MEMORY
TAG BITS
TAG (0:11)
OET
16K x 3
MEMORY
STATUS
BITS
MATCH
TAH
TT1
TAOE
TA
TAIN
VLD/S1IN
DLY/S2IN
WT/S3IN
SA
CS2
CS1
RESET
(neg) PULSE
GENERATOR
PWRDN
DataIN
Register
DataIN
Register
WRITE
(pos) PULSE
GENERATOR
SA
COMPARE
Reg
0
1
OES
Reg
Reg
Reg
3067 drw 02



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com