Electronic Components Datasheet Search
  English  ▼

X  

IDT71216 Datasheet(PDF) 13 Page - Integrated Device Technology

Part # IDT71216
Description  BiCMOS StaticRAM 240K (16K x 15-BIT) CACHE-TAG RAM For PowerPCO and RISC Processors
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT71216 Datasheet(HTML) 13 Page - Integrated Device Technology

Back Button IDT71216 Datasheet HTML 6Page - Integrated Device Technology IDT71216 Datasheet HTML 7Page - Integrated Device Technology IDT71216 Datasheet HTML 8Page - Integrated Device Technology IDT71216 Datasheet HTML 9Page - Integrated Device Technology IDT71216 Datasheet HTML 10Page - Integrated Device Technology IDT71216 Datasheet HTML 11Page - Integrated Device Technology IDT71216 Datasheet HTML 12Page - Integrated Device Technology IDT71216 Datasheet HTML 13Page - Integrated Device Technology IDT71216 Datasheet HTML 14Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 13 / 14 page
background image
14.3
13
IDT71216
BiCMOS 16K x 15 CACHE-TAG RAM
COMMERCIAL TEMPERATURE RANGE
TIMING WAVEFORMS OF
RESET
RESET FUNCTION
VLDOUT
DTYOUT
WES
WET
TA
MATCH
RESET
PWRDN
WTOUT
CLK
TAG (0:11)
tRSMV
tPDSR
tSR
tS
tRSMI
tRHWL
tHR
VALID
VALID
tRSLZ(1)
tRSHZ(1)
tSHRS
tSRST
3067 drw 09
NOTE:
1. Transition is measured
±200mV from steady state.
CLOCK TIMING WAVEFORM
tCYC
tCH
tCL
CLK
0.8V
2.0V
2.0V
0.8V
3067 drw 10
TIMING WAVEFORMS OF
TA
TA AND TT1 SIGNAL
TT1
TA
TAIN
CLK
Applies when SFUNC is LOW, and the internal WT bit is HIGH
tTHTH
tTHTV
TA Valid
TA Valid
tTITL
tTITV
tSTI
tHTI
3067 drw 11



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com