Electronic Components Datasheet Search
  English  ▼

X  

AD9501 Datasheet(PDF) 6 Page - Analog Devices

Part # AD9501
Description  Digitally Programmable Delay Generator
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9501 Datasheet(HTML) 6 Page - Analog Devices

Back Button AD9501 Datasheet HTML 2Page - Analog Devices AD9501 Datasheet HTML 3Page - Analog Devices AD9501 Datasheet HTML 4Page - Analog Devices AD9501 Datasheet HTML 5Page - Analog Devices AD9501 Datasheet HTML 6Page - Analog Devices AD9501 Datasheet HTML 7Page - Analog Devices AD9501 Datasheet HTML 8Page - Analog Devices AD9501 Datasheet HTML 9Page - Analog Devices AD9501 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
REV. B
AD9501
–6–
Offset between the two levels is necessary for three reasons.
First, offset allows the ramp to reset and settle without re-entering
the voltage range of the DAC. Second, the DAC may overshoot
as it switches to its most positive value (00H); this can lead to
false output pulses if there is no offset between the ramp reset
voltage and the upper reference. Overshoot on the ramp can also
lead to false outputs without the offset. Finally, the ramp is
slightly nonlinear for a short interval when it is first started;
the offset shifts the most positive DAC level below this
nonlinear region and maintains ramp linearity for short
programmed delay settings.
Pin 8 of the AD9501 is called OFFSET ADJUST (see Func-
tional Block Diagram) and allows the user to control the amount of
offset separating the initial ramp voltage and the most positive
DAC reference. This, in turn, causes the ramp generator delay to
vary.
Figure 3 shows differences in timing that occur if OFFSET
ADJUST Pin 8 is grounded or open. The variable ramp generator
delay is the major component of the three components that
comprise minimum delay (tPD) and, therefore, is affected by the
connection to Pin 8.
It is preferable to ground Pin 8 because the smaller offset that
results from leaving it open increases the possibility of false
output pulses. When grounding the pin, it should be grounded
directly or connected to the ground through a resistor or potentio-
meter with a value of 10 k
W or less.
FULL-SCALE DELAY RANGE – ns
80
50
0
040
400
80 120 160 200 240 280 320 360
70
60
30
10
40
20
CEXT = 0pF
OFFSET ADJUST
(PIN 8) GROUNDED
OFFSET ADJUST
(PIN 8) OPEN
Figure 3. Minimum Delay (tPD) vs. Full-Scale Delay Range (tDFS)
Caution is urged when using resistance in series with Pin 8. The
possibility of false output pulses, as discussed above, is increased
under these circumstances. Using resistance in series with Pin 8
is recommended only when matching minimum delays between
two or more AD9501 devices; it is not recommended if using a
single AD9501. Changing the resistance between Pin 8 and
ground from 0 k
W to 10 kW varies the ramp generator delay by
approximately 35%.
RSET –
10 s
1 s
10ns
10
100
10k
1k
100ns
10pF
100pF
50pF
0pF
500pF
Figure 4. RC Values vs. Full-Scale Delay Range (tDFS)
The full-scale delay range (tDFS) can be calculated from the
equation:
tR
C
pF
DFS
SET
EXT
=¥
+
¥
(.
)
.
85
384
Whenever full-scale delay range is 326 ns or less, CEXT should
be left open. Additional capacitance and/or larger values of RSET
increase the linear ramp settling time, which reduces the maxi-
mum trigger rate. When delays longer than 326 ns are required,
up to 500 pF can be connected from CEXT to +VS. To preserve
the unit’s low drift performance, both RSET and CEXT should
have low temperature coefficients. Resistors that are used should
be 1% metal film types.
The programmed delay (tD) is set by the DAC inputs, D0–D7.
The minimum delay through the AD9501 corresponds to an
input code of 00H, and FFH gives the full-scale delay. Any
programmed delay can be approximated by
t
DAC code
t
D
DFS
=¥
(/
)
256
Total delay through the AD9501 for any given DAC code is
equal to
tt
t
TOTAL
D
PD
=+
OBSOLETE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com