Electronic Components Datasheet Search
  English  ▼

X  

IDT71256SA20TP Datasheet(PDF) 7 Page - Integrated Device Technology

Part # IDT71256SA20TP
Description  CMOS STATIC RAM 256K (32K x 8-BIT)
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT71256SA20TP Datasheet(HTML) 7 Page - Integrated Device Technology

  IDT71256SA20TP Datasheet HTML 1Page - Integrated Device Technology IDT71256SA20TP Datasheet HTML 2Page - Integrated Device Technology IDT71256SA20TP Datasheet HTML 3Page - Integrated Device Technology IDT71256SA20TP Datasheet HTML 4Page - Integrated Device Technology IDT71256SA20TP Datasheet HTML 5Page - Integrated Device Technology IDT71256SA20TP Datasheet HTML 6Page - Integrated Device Technology IDT71256SA20TP Datasheet HTML 7Page - Integrated Device Technology IDT71256SA20TP Datasheet HTML 8Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
6.42
IDT71256SA
CMOS Static RAM 256K (32K x 8-Bit)
Commercial and Industrial Temperature Ranges
7
Ordering Information — Commercial
Ordering Information — Industrial
SA
Power
XX
Speed
XXX
Package
X
Process/
Temperature
Range
I
Industrial (-40°C to +85°C)
Y
PZ
300-mil SOJ (SO28-5)
TSOP Type I (SO28-8)
12
15
20
25
71256
Device
Type
IDT
Speed in nanoseconds
2948 drw 10
,
X
G
Restricted hazardous substance device
SA
Power
XX
Speed
XXX
Package
X
Process/
Temperature
Range
Blank Commercial (0°C to +70°C)
P
TP
Y
PZ
600-mil Plastic DIP (P28-1) only 25ns available
300-mil Plastic DIP (P28-2)
300-mil SOJ (SO28-5)
TSOP Type I (SO28-8)
12
15
20
25
71256
Device
Type
IDT
Speed in nanoseconds
2948 drw 09
,
X
G
Restricted Hazardous Substance Device



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com