Electronic Components Datasheet Search
  English  ▼

X  

IDT71256SA20TP Datasheet(PDF) 8 Page - Integrated Device Technology

Part # IDT71256SA20TP
Description  CMOS STATIC RAM 256K (32K x 8-BIT)
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT71256SA20TP Datasheet(HTML) 8 Page - Integrated Device Technology

  IDT71256SA20TP Datasheet HTML 1Page - Integrated Device Technology IDT71256SA20TP Datasheet HTML 2Page - Integrated Device Technology IDT71256SA20TP Datasheet HTML 3Page - Integrated Device Technology IDT71256SA20TP Datasheet HTML 4Page - Integrated Device Technology IDT71256SA20TP Datasheet HTML 5Page - Integrated Device Technology IDT71256SA20TP Datasheet HTML 6Page - Integrated Device Technology IDT71256SA20TP Datasheet HTML 7Page - Integrated Device Technology IDT71256SA20TP Datasheet HTML 8Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
8
IDT71256SA
CMOS Static RAM 256K (32K x 8-Bit)
Commercial and Industrial Temperature Ranges
Datasheet Document History
1/7/00
Updated to new format
Pp. 1, 3, 4, 7
Revised Industrial Temperature range offerings
Pg. 6
Removed Note No. 1 for Write Cycle diagrams, renumbered footnotes and notes
Pg. 8
Added Datasheet Document History
08/09/00
Not recommended for new designs
02/01/01
Removed "Not recommended for new designs"
09/30/04
Pg. 7
Added "Restricted hazardous substance device" to ordering informations.
CORPORATE HEADQUARTERS
for SALES:
for Tech Support:
2975 Stender Way
800-345-7015 or 408-727-6116
sramhelp@idt.com
Santa Clara, CA 95054
fax:408-492-8674
800 544-7726
www.idt.com
The IDT logo is a registered trademark of Integrated Device Technology, Inc.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com