Electronic Components Datasheet Search
  English  ▼

X  

ADP3604 Datasheet(PDF) 4 Page - Analog Devices

Part # ADP3604
Description  Switched Capacitor Voltage Converter with Regulated Output
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP3604 Datasheet(HTML) 4 Page - Analog Devices

  ADP3604 Datasheet HTML 1Page - Analog Devices ADP3604 Datasheet HTML 2Page - Analog Devices ADP3604 Datasheet HTML 3Page - Analog Devices ADP3604 Datasheet HTML 4Page - Analog Devices ADP3604 Datasheet HTML 5Page - Analog Devices ADP3604 Datasheet HTML 6Page - Analog Devices ADP3604 Datasheet HTML 7Page - Analog Devices ADP3604 Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
ADP3604
REV. 0
–4–
APPLICATION INFORMATION
The ADP3604 uses a charge pump to generate a negative out-
put voltage from a positive input supply. To understand the
operation of the ADP3604, a review of a basic switch capacitor
building block is helpful.
f
RL
V1
V2
C1
C2
AB
Figure 11. Basic Switch Capacitor Circuit
In Figure 11, when the switch is in the A position, capacitor C1
will be charged to voltage V1. The total charge on C1 will be
q1 = C1V1.
The switch then moves to the B position, discharging C1 to
voltage V2. After this discharge time, the charge on C1 is q2 =
C1V2. The amount of charge transferred from the source, V1,
to the output, V2 is:
∆q = q1 – q2 = C1(V1 – V2)
If the switch is cycled f times per second, the charge transfer
per unit time (i.e., current) is:
I = f
∆q = fC1(V1 – V2)
To obtain an equivalent resistance for the switched-capacitor
network we can rewrite this equation in terms of voltage and
impedance equivalence:
I = (V1 – V2)/(1/fC1) = (V1 – V2)/REQUIV
where REQUIV is defined as :
REQUIV = 1/fC1
Figure 11 equivalent circuit now can be drawn as shown in
Figure 12.
RL
V1
V2
C2
REQUIV
REQUIV =
1
fC1
Figure 12. Basic Switch Capacitor Equivalent Circuit
THEORY OF OPERATION
A switched capacitor principle is used in the ADP3604 to gener-
ate a negative voltage from a positive input voltage. An on-board
oscillator generates two phase clocks to control a switching net-
work which transfers charge between the storage capacitors.
The basic principle behind the voltage inversion scheme is illus-
trated in Figures 13 and 14.
VIN
S2
CP
S1
VOUT
S3
S4
COUT
Figure 13. Switch Configuration Charging the Pump
Capacitor
During phase one, S1 and S2 are ON charging the pump ca-
pacitor to the input voltage. Before the next phase begins, S1
and S2 are turned OFF as well as S3 and S4 to prevent any
overlap. S3 and S4 are turned ON during the second phase (see
Figure 14) and charge stored in the pump capacitor is trans-
ferred to the output capacitor.
VIN
S2
CP
S1
VOUT
S3
S4
COUT
Figure 14. Switch Configuration Charging the Output
Capacitor
During the second phase, the positive terminal of the pump
capacitor is connected to ground and the negative terminal is
connected to the output resulting in a voltage inversion at the
output terminal. Output regulation is done by adjusting the ON
resistance of the S3 through the feedback control loop.
The ADP3604 alternately charges CP to the input voltage when
CP is switched in parallel with the input supply, and then trans-
fers charge to COUT when CP is switched in parallel with COUT.
Switching occurs at 120 kHz rate. During the time that CP is
charging, the peak current is approximately 2 times the output
current. During the time that CP is delivering charge to COUT,
the supply current drops down to about 2 mA. An input supply
bypass capacitor will supply part of the peak input current drawn
by the ADP3604, and average out the current drawn from the
supply. A minimum input supply bypass capacitor of 1
µf,
preferably a low ESR capacitor such as tantalum or multilayer
ceramic chip capacitor, is recommended. A large capacitor may
be desirable in some cases, for example when the input supply is
connected to the ADP3604 through long leads, or when the
pulse current drawn by the device might effect other circuitry
through supply coupling.
The output capacitor, COUT, is alternately charged to the CP
voltage when CP is switched in parallel with COUT. The ESR of
the COUT introduces steps in the VOUT waveform whenever the
charge pump charges COUT. This tends to increase VOUT ripple.
Ceramic or tantalum capacitors are recommended for COUT if
minimum ripple is desired. The ADP3604 can operate with a
range of capacitors from 1
µf to 100 µf and larger without any
stability problems. However, all tested parameters are obtained
using 10
µf multilayer ceramic capacitors.
In most applications, IR drops due to printed circuit board
traces do not present a problem. In this case, VSENSE is tied to
the output at a convenient pcb location not far from the VOUT.
However, if a reduction in IR drops or improvement in load
regulation is desired, the sense line can be used to monitor the
output voltage at the load. To avoid excessive noise pickup, the
VSENSE line should be as short as possible and away from any
noisy line.
While the exact values of the CIN and COUT are not critical, good
quality, low ESR capacitors such as solid tantalum and multi-
layer ceramic capacitors are recommended to minimize voltage
losses at high currents. For a given load current, factors affecting
the output voltage performance in Figure 15 are:
• Pump (C2) and the output (C3) capacitance
• ESR of the C2 and C3
OBSOLETE



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com