Electronic Components Datasheet Search
  English  ▼

X  

ADP3604 Datasheet(PDF) 7 Page - Analog Devices

Part # ADP3604
Description  Switched Capacitor Voltage Converter with Regulated Output
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP3604 Datasheet(HTML) 7 Page - Analog Devices

  ADP3604 Datasheet HTML 1Page - Analog Devices ADP3604 Datasheet HTML 2Page - Analog Devices ADP3604 Datasheet HTML 3Page - Analog Devices ADP3604 Datasheet HTML 4Page - Analog Devices ADP3604 Datasheet HTML 5Page - Analog Devices ADP3604 Datasheet HTML 6Page - Analog Devices ADP3604 Datasheet HTML 7Page - Analog Devices ADP3604 Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
ADP3604
REV. 0
–7–
POWER DISSIPATION
The power dissipation of the ADP3604 circuit must be limited
such that the junction temperature of the device does not ex-
ceed the maximum junction temperature rating.
Power is dissipated in two components, power loss due to volt-
age drops in the switches, and the power loss due to MOSFET
drive current losses. Total power dissipation is calculated:
P
≈ (V
IN – |VOUT|)(IOUT) + (VIN)(IS)
where both VIN and VOUT are referred to ground pin of the
ADP3604.
For example: Assuming the worst case conditions, VIN = 5.5 V,
VOUT = –2.8 V, and IOUT = 120 mA, calculated power dissipa-
tion is:
P
≈ (5.5 V–|–2.8 V|)(0.12) + (5.5 V)(0.003 A) = 341 mW
This is far below the power dissipation capability of the
ADP3604 package which is 660 mW.
LAYOUT AND GROUNDING TIPS
The ADP3604 switches turn on and off very fast. Good PC
board layout practices will ensure the proper operation of the
device. Important layout considerations include:
Use adequate ground and power traces or planes.
Keep components as close as possible to the device.
Use short trace lengths from the input and output capacitors to
the input and output pins respectively.
Use single point ground for the device ground pins and the in-
put and output capacitors.
Improper layouts will result in poor load regulation, especially
with heavy loads.
APPLICATIONS
ADP3604 EVALUATION BOARD LAYOUT
The ADP3604 evaluation board is a general purpose circuit
board. Its flexible design allows the user to optimize the circuit
performance by external components selection and circuit con-
figuration. The circuit board can be configured as a basic charge
pump voltage inverter with one pump capacitor and two bypass
capacitors or as a more complex circuit with input and output
LC filters.
PC layout is designed for surface mount components and can
be easily configured for through hole components as well.
ADP3604
8
7
3
C3
4.7µF
1
4
VIN +4.5 – +6V
VOUT –3.0V
C4
4.7µF
2
5
SENSE
INPUT
L2
10µH
C5
4.7µF
C2
4.7µF
L1
1µH
C1
4.7µF
Figure 21. Evaluation Board Circuit Diagram
C2
C1
C4
C5
L1
C3
L2
Figure 23. Eight-Pin SOIC-Layout, Component Placement
Diagram (1
× Scale)
Figure 24. Eight-Pin-SOIC Layout, Component Side
(1
× Layout)
Table V. Recommended Components for Circuit in Figure 21
Component
Manufacturer/Type
C3
Sprague, 293D475X0035D2W
C1, C2, C4, C5
TOKIN, 1E475ZY5UC205F
L1
Coiltronics, CTX32CT-1R0
L2
Coiltronics, CTX32CT-100
FILTERED INPUT
INPUT
OUTPUT
FILTERED OUTPUT
SHDN
OUTPUT GND
Figure 22. Eight-Pin SOIC Layout, Wiring Connection
OBSOLETE



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com