Electronic Components Datasheet Search
  English  ▼

X  

STBHL02 Datasheet(PDF) 9 Page - Analog Devices

Part # STBHL02
Description  Analog Signal Conditioning Panels
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

STBHL02 Datasheet(HTML) 9 Page - Analog Devices

Back Button STBHL02 Datasheet HTML 3Page - Analog Devices STBHL02 Datasheet HTML 4Page - Analog Devices STBHL02 Datasheet HTML 5Page - Analog Devices STBHL02 Datasheet HTML 6Page - Analog Devices STBHL02 Datasheet HTML 7Page - Analog Devices STBHL02 Datasheet HTML 8Page - Analog Devices STBHL02 Datasheet HTML 9Page - Analog Devices STBHL02 Datasheet HTML 10Page - Analog Devices STBHL02 Datasheet HTML 11Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
5B02, STB-TCI, STB-HLI, STB-TC, STB-HL02, STB-AOT
–9–
REV. A
I/O CONFIGURATION CHART (Continued)
Model #
I/O Types
Range
I/O Resolution*
High Level Voltage
5B31-01
(0 Hz–4 Hz)
±1 V
0.49 mV
5B31-02
±5 V
2.44 mV
5B31-03
±10 V
4.88 mV
5B31-04
±1 V
0.49 mV
5B31-05
±5 V
2.44 mV
5B31-06
±10 V
4.88 mV
5B41-01
(0 Hz–10 kHz)
±1 V
0.49 mV
5B41-02
±5 V
2.44 mV
5B41-03
±10 V
4.88 mV
5B41-04
±1 V
0.49 mV
5B41-05
±5 V
2.44 mV
5B41-06
±10 V
4.88 mV
Strain Gage
5B38-02
10.0 V Excitation
±30 mV
7.32
µV
5B38-04
10.0 V Excitation
±30 mV
7.32
µV
5B38-05
10.0 V Excitation
±20 mV
9.76
µV
Outputs:
5B39-01
Current
4 mA–20 mA
3.91
µA
5B39-02
4 mA–20 mA
3.91
µA
5B39-03
0 mA–20 mA
4.88
µA
5B39-04
0 mA–20 mA
4.88
µA
STB-TCI
Thermocouples
E
–100
°C to +1000°C
0.27
°C
J0
°C to +760°C
0.19
°C
K0
°C to +1250°C
0.31
°C
T
–200
°C to +400°C
0.15
°C
S0
°C to +1750°C
0.43
°C
Low Level Voltage In
±0.005 V
2.44
µV
±0.025 V
12.21
µV
±0.05 V
24.41
µV
±0.10 V
48.83
µV
STB-HLI
High Level Voltage In
±5 V
2.44 mV
±10 V
4.88 mV
STB-TC
Thermocouples
E
–100
°C to +1000°C
0.27
°C
J0
°C to +760°C
0.19
°C
K0
°C to +1250°C
0.31
°C
T
–200
°C to +400°C
0.15
°C
S0
°C to +1750°C
0.43
°C
Low Level Voltage In
±0.1 V
48.83
µV
±0.05 V
24.41
µV
±0.025 V
12.21
µV
±0.01 V
4.88
µV
±0.005 V
2.44
µV
STB-HL02
High Level Voltage In
±5 V
2.44 mV
±10 V
4.88 mV
High Level Voltage Out
0 V–5 V
1.22 mV
±5 V
2.44 mV
STB-AOT
High Level Voltage Out
±10 V
4.88 mV
±5 V
2.44 mV
0 V–5 V
1.22 mV
0 V–10 V
2.44 mV
Current Out
0 mA–20 mA
4.88
µA
4 mA–20 mA
3.91
µA
*Numbers shown reflect use with RTI-820 with 12-bit D/A or A/D resolution. The 5B Series modules listed are the
*standard ranges. Special ranges are available upon request.
OBSOLETE



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com