Electronic Components Datasheet Search
  English  ▼

X  

STBHL02 Datasheet(PDF) 3 Page - Analog Devices

Part # STBHL02
Description  Analog Signal Conditioning Panels
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

STBHL02 Datasheet(HTML) 3 Page - Analog Devices

  STBHL02 Datasheet HTML 1Page - Analog Devices STBHL02 Datasheet HTML 2Page - Analog Devices STBHL02 Datasheet HTML 3Page - Analog Devices STBHL02 Datasheet HTML 4Page - Analog Devices STBHL02 Datasheet HTML 5Page - Analog Devices STBHL02 Datasheet HTML 6Page - Analog Devices STBHL02 Datasheet HTML 7Page - Analog Devices STBHL02 Datasheet HTML 8Page - Analog Devices STBHL02 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
5B02, STB-TCI, STB-HLI, STB-TC, STB-HL02, STB-AOT
–3–
REV. A
STB-TCI
The STB-TCI isolated thermocouple panel provides the means
to interface up to eight low level voltage signals requiring high
electrical isolation. Low level signals, including thermocouple
voltages, can be read with high accuracy even in noisy environ-
ments. Standard thermocouple types such as J, K, T, E, R, B
and S can be used with the panel, and cold junction compensation
is provided. Each input channel is provided with user selectable
gains of 50, 100, 200 and 1000, permitting signal ranges of
±5 mV, ±25 mV, ±50 mV and ±100 mV. Each channel has a
quick-disconnect screw terminal connector making field installa-
tion and replacement easy. A cover (CV-01) and a rack mount
(RM-02) may be ordered separately.
Each input signal on the STB-TCI panel passes through a 3-pole
low-pass filter with a cutoff frequency of 4 Hz. This filter re-
duces noise that may be present at the analog inputs. Break
detect circuitry is also present to determine if a thermocouple or
cable has been disconnected. Each channel has an isolation
amplifier that provides 750 V rms of channel-to-system and
channel-to-channel isolation. Overvoltage input protection of
240 V is provided as well. A functional diagram of the STB-TCI
is shown in Figure 2.
The STB-TCI, or the 5B02 with 5B30, 5B37, 5B40, or 5B47
modules, should be used instead of the STB-TC panel when high
isolation is required for a harsh environment. The STB-TCI panel
may be used instead of 5B Series modules when an application
has many low level inputs and single channel modularity is not
required.
STB-TCI–SPECIFICATIONS
(typical @ +25 C and +5 V dc)
Number of Input Channels
8
Isolation
750 V rms Channel-to-Channel
and Channel-to-System
Input Impedance
50 M
Ω
Input Voltage Range
±5 mV, ±25 mV, ±50 mV,
±100 mV
Input Overvoltage Protection
240 V ac rms
Gain Range
50, 100, 200, 1000
Jumper Configurable per
Channel
Gain Accuracy
1
±0.05% (at Factory Adjusted
Gain of 100)
Output Offset
1
±3 mV
Offset Drift vs. Temperature
±3.25 µV/°C (at Gain of 100)
(Referred to Input)
CJC Accuracy
±1°C
Low-Pass Filter Frequency
4 Hz
Common-Mode Rejection
130 dB
Power Requirements
+5 V
± 5% @ 300 mA
Physical Dimensions
Without Optional Cover
8.25"
× 6.8" × 1.97"
(20.95 cm
× 17.27 cm × 5.0 cm)
With Optional Cover
8.25"
× 6.8" × 2.14"
(20.95 cm
× 17.27 cm × 5.43 cm)
Operating Temperature Range
0
°C to +60°C
NOTES
1Adjustable to zero.
Specifications subject to change without notice.
9
TO
1
ANALOG SIGNAL
TO
RTI-820
BOARD AND
CHANNEL ADDRESS
DECODING
FROM
RTI-820
COLD
JUNCTION
COMPENSATION
SENSOR
USER-SELECTABLE GAIN OF
50, 100, 200 OR 1000
USER SELECTABLE GAIN
ETC.
CHANNEL 0
CHANNEL 1
CHANNEL 7
Figure 2. STB-TCI Block Diagram
OBSOLETE



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com