Electronic Components Datasheet Search
  English  ▼

X  

IDT7204 Datasheet(PDF) 4 Page - Integrated Device Technology

Part # IDT7204
Description  CMOS ASYNCHRONOUS FIFO 2048 x 9, 4096 x 9, 8192 x 9 and 16384 x 9
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT7204 Datasheet(HTML) 4 Page - Integrated Device Technology

  IDT7204 Datasheet HTML 1Page - Integrated Device Technology IDT7204 Datasheet HTML 2Page - Integrated Device Technology IDT7204 Datasheet HTML 3Page - Integrated Device Technology IDT7204 Datasheet HTML 4Page - Integrated Device Technology IDT7204 Datasheet HTML 5Page - Integrated Device Technology IDT7204 Datasheet HTML 6Page - Integrated Device Technology IDT7204 Datasheet HTML 7Page - Integrated Device Technology IDT7204 Datasheet HTML 8Page - Integrated Device Technology IDT7204 Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
5.04
4
IDT7203/7204/7205/7206 CMOS ASYNCHRONOUS FIFO
2048 x 9, 4096 x 9, 8192 x 9 and 16384 x 9
MILITARY AND COMMERCIAL TEMPERATURE RANGES
Commercial
Com'l & Mil.
Com'l
Military
Com'l
7203S/L12
7203S/L15
7203S/L20
7203S/L25
7203S/L30 7203S/L35
7204S/L12
7204S/L15
7204S/L20
7204S/L25
7204S/L30 7204S/L35
7205L15
7205L20
7205L25
7205L30
7205L35
7206L15
7206L20
7206L25
7206L30
7206L35
Symbol
Parameters
Min. Max. Min. Max. Min.
Max.
Min. Max. Min. Max. Min. Max. Unit
fS
Shift Frequency
—
50
—
40
—
33.3
—
28.5
—
25
—
22.2 MHz
tRC
Read Cycle Time
20
—
25
—
30
—
35
—
40
—
45
—
ns
tA
Access Time
—
12
—
15
—
20
—
25
—
30
—
35
ns
tRR
Read Recovery Time
8
—
10
—
10
—
10
—
10
—
10
—
ns
tRPW
Read Pulse Width(2)
12
—
15
—
20
—
25
—
30
—
35
—
ns
tRLZ
Read LOW to Data Bus LOW(3)
3—
5—
5
—
5—
5
—
5—
ns
tWLZ
Write HIGH to Data Bus Low-Z(3, 4)
3—
5—
5
—
5—
5
—
10
—
ns
tDV
Data Valid from Read HIGH
5
—
5
—
5
—
5
—
5
—
5
—
ns
tRHZ
Read HIGH to Data Bus High-Z(3)
—
12
—
15
—
15
—
18
—
20
—
20
ns
tWC
Write Cycle Time
20
—
25
—
30
—
35
—
40
—
45
—
ns
tWPW
Write Pulse Width(2)
12
—
15
—
20
—
25
—
30
—
35
—
ns
tWR
Write Recovery Time
8
—
10
—
10
—
10
—
10
—
10
—
ns
tDS
Data Set-up Time
9
—
11
—
12
—
15
—
18
—
18
—
ns
tDH
Data Hold Time
0
—
0
—
0
—
0
—
0
—
0
—
ns
tRSC
Reset Cycle Time
20
—
25
—
30
—
35
—
40
—
45
—
ns
tRS
Reset Pulse Width(2)
12
—
15
—
20
—
25
—
30
—
35
—
ns
tRSS
Reset Set-up Time(3)
12
—
15
—
20
—
25
—
30
—
35
—
ns
tRTR
Reset Recovery Time
8
—
10
—
10
—
10
—
10
—
10
—
ns
tRTC
Retransmit Cycle Time
20
—
25
—
30
—
35
—
40
—
45
—
ns
tRT
Retransmit Pulse Width(2)
12
—
15
—
20
—
25
—
30
—
35
—
ns
tRTS
Retransmit Set-up Time(3)
12
—
15
—
20
—
25
—
30
—
35
—
ns
tRSR
Retransmit Recovery Time
8
—
10
—
10
—
10
—
10
—
10
—
ns
tEFL
Reset to
EF LOW
—
12
—
25
—
30
—
35
—
40
—
45
ns
tHFH, tFFH Reset to
HF and FF HIGH
—
17
—
25
—
30
—
35
—
40
—
45
ns
tRTF
Retransmit LOW to Flags Valid
—
20
—
25
—
30
—
35
—
40
—
45
ns
tREF
Read LOW to
EF LOW
—
12
—
15
—
20
—
25
—
30
—
30
ns
tRFF
Read HIGH to
FF HIGH
—
14
—
15
—
20
—
25
—
30
—
30
ns
tRPE
Read Pulse Width after
EF HIGH
12
—
15
—
20
—
25
—
30
—
35
—
ns
tWEF
Write HIGH to
EF HIGH
—
12
—
15
—
20
—
25
—
30
—
30
ns
tWFF
Write LOW to
FF LOW
—
14
—
15
—
20
—
25
—
30
—
30
ns
tWHF
Write LOW to
HF Flag LOW
—
17
—
25
—
30
—
35
—
40
—
45
ns
tRHF
Read HIGH to
HF Flag HIGH
—
17
—
25
—
30
—
35
—
40
—
45
ns
tWPF
Write Pulse Width after
FF HIGH
12
—
15
—
20
—
25
—
30
—
35
—
ns
tXOL
Read/Write LOW to
XO LOW
—
12
—
15
—
20
—
25
—
30
—
35
ns
tXOH
Read/Write HIGH to
XO HIGH
—
12
—
15
—
20
—
25
—
30
—
35
ns
tXI
XI Pulse Width(2)
12
—
15
—
20
—
25
—
30
—
35
—
ns
tXIR
XI Recovery Time
8
—
10
—
10
—
10
—
10
—
10
—
ns
tXIS
XI Set-up Time
8
—
10
—
10
—
10
—
10
—
15
—
ns
AC ELECTRICAL CHARACTERISTICS(1)
(Commercial: VCC = 5V
± 10%, TA = 0°C to +70°C; Military: VCC = 5V ± 10%, TA = –55°C to +125°C)
NOTES:
2661 tbl 05
1. Timings referenced as in AC Test Conditions.
2. Pulse widths less than minimum are not allowed.
3. Values guaranteed by design, not currently tested.
4. Only applies to read data flow-through mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com