Electronic Components Datasheet Search
  English  ▼

X  

IDT7204 Datasheet(PDF) 5 Page - Integrated Device Technology

Part # IDT7204
Description  CMOS ASYNCHRONOUS FIFO 2048 x 9, 4096 x 9, 8192 x 9 and 16384 x 9
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT7204 Datasheet(HTML) 5 Page - Integrated Device Technology

  IDT7204 Datasheet HTML 1Page - Integrated Device Technology IDT7204 Datasheet HTML 2Page - Integrated Device Technology IDT7204 Datasheet HTML 3Page - Integrated Device Technology IDT7204 Datasheet HTML 4Page - Integrated Device Technology IDT7204 Datasheet HTML 5Page - Integrated Device Technology IDT7204 Datasheet HTML 6Page - Integrated Device Technology IDT7204 Datasheet HTML 7Page - Integrated Device Technology IDT7204 Datasheet HTML 8Page - Integrated Device Technology IDT7204 Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
5.04
5
IDT7203/7204/7205/7206 CMOS ASYNCHRONOUS FIFO
2048 x 9, 4096 x 9, 8192 x 9 and 16384 x 9
MILITARY AND COMMERCIAL TEMPERATURE RANGES
Military
Com'l & Mil.
Military(2)
7203S/L40
7203S/L50
7203S/L65
7203S/L80
7203S/L120
7204S/L40
7204S/L50
7204S/L65
7204S/L80
7204S/L120
7205L50
7206L50
Symbol
Parameters
Min.
Max.
Min.
Max. Min.
Max. Min.
Max. Min.
Max.
Unit
fS
Shift Frequency
—
20
—
15
—
12.5
—
10
—
7
MHz
tRC
Read Cycle Time
50
—
65
—
80
—
100
—
140
—
ns
tA
Access Time
—
40
—
50
—
65
—
80
—
120
ns
tRR
Read Recovery Time
10
—
15
—
15
—
20
—
20
—
ns
tRPW
Read Pulse Width(3)
40
—
50
—
65
—
80
—
120
—
ns
tRLZ
Read LOW to Data Bus LOW(4)
5
—
10
—
10
—
10
—
10
—
ns
tWLZ
Write HIGH to Data Bus Low-Z(4, 5)
10
—
15
—
15
—
20
—
20
—
ns
tDV
Data Valid from Read HIGH
5
—
5
—
5
—
5
—
5
—
ns
tRHZ
Read HIGH to Data Bus High-Z(4)
—
25
—
30
—
30
—
30
—
35
ns
tWC
Write Cycle Time
50
—
65
—
80
—
100
—
140
—
ns
tWPW
Write Pulse Width(3)
40
—
50
—
65
—
80
—
120
—
ns
tWR
Write Recovery Time
10
—
15
—
15
—
20
—
20
—
ns
tDS
Data Set-up Time
20
—
30
—
30
—
40
—
40
—
ns
tDH
Data Hold Time
0
—
5
—
10
—
10
—
10
—
ns
tRSC
Reset Cycle Time
50
—
65
—
80
—
100
—
140
—
ns
tRS
Reset Pulse Width(3)
40
—
50
—
65
—
80
—
120
—
ns
tRSS
Reset Set-up Time(4)
40
—
50
—
65
—
80
—
120
—
ns
tRSR
Reset Recovery Time
10
—
15
—
15
—
20
—
20
—
ns
tRTC
Retransmit Cycle Time
50
—
65
—
80
—
100
—
140
—
ns
tRT
Retransmit Pulse Width(3)
40
—
50
—
65
—
80
—
120
—
ns
tRTS
Retransmit Set-up Time(4)
40
—
50
—
65
—
80
—
120
—
ns
tRSR
Retransmit Recovery Time
10
—
15
—
15
—
20
—
20
—
ns
tEFL
Reset to
EF LOW
—
50
—
65
—
80
—
100
—
140
ns
tHFH, tFFH
Reset to
HF and FF HIGH
—
50
—
65
—
80
—
100
—
140
ns
tRTF
Retransmit LOW to Flags Valid
—
50
—
65
—
80
—
100
—
140
ns
tREF
Read LOW to
EF Flag LOW
—
35
—
45
—
60
—
60
—
60
ns
tRFF
Read HIGH to
FF HIGH
—
35
—
45
—
60
—
60
—
60
ns
tRPE
Read Pulse Width after
EF HIGH
40
—
50
—
65
—
80
—
120
—
ns
tWEF
Write HIGH to
EF HIGH
—
35
—
45
—
60
—
60
—
60
ns
tWFF
Write LOW to
FF LOW
—
35
—
45
—
60
—
60
—
60
ns
tWHF
Write LOW to
HF LOW
—
50
—
65
—
80
—
100
—
140
ns
tRHF
Read HIGH to
HF HIGH
—
50
—
65
—
80
—
100
—
140
ns
tWPF
Write Pulse Width after
FF HIGH
40
—
50
—
65
—
80
—
120
—
ns
tXOL
Read/Write LOW to
XO LOW
—
40
—
50
—
65
—
80
—
120
ns
tXOH
Read/Write HIGH to
XO HIGH
—
40
—
50
—
65
—
80
—
120
ns
tXI
XI Pulse Width(3)
40
—
50
—
65
—
80
—
120
—
ns
tXIR
XI Recovery Time
10
—
10
—
10
—
10
—
10
—
ns
tXIS
XI Set-up Time
15
—
15
—
15
—
15
—
15
—
ns
AC ELECTRICAL CHARACTERISTICS(1) (Continued)
(Commercial: VCC = 5V
± 10%, TA = 0°C to +70°C; Military: VCC = 5V ± 10%, TA = –55°C to +125°C)
NOTES:
2661 tbl 06
1. Timings referenced as in AC Test Conditions.
2. Speed grades 65, 80, and 120ns are only available in the ceramic DIP.
3. Pulse widths less than minimum are not allowed.
4. Values guaranteed by design, not currently tested.
5. Only applies to read data flow-through mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com