Electronic Components Datasheet Search
  English  ▼

X  

MSF10N65 Datasheet(PDF) 2 Page - Bruckewell Technology LTD

Part # MSF10N65
Description  650V N-Channel MOSFET
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BWTECH [Bruckewell Technology LTD]
Direct Link  http://www.bruckewell-semi.com
Logo BWTECH - Bruckewell Technology LTD

MSF10N65 Datasheet(HTML) 2 Page - Bruckewell Technology LTD

  MSF10N65 Datasheet HTML 1Page - Bruckewell Technology LTD MSF10N65 Datasheet HTML 2Page - Bruckewell Technology LTD MSF10N65 Datasheet HTML 3Page - Bruckewell Technology LTD MSF10N65 Datasheet HTML 4Page - Bruckewell Technology LTD MSF10N65 Datasheet HTML 5Page - Bruckewell Technology LTD MSF10N65 Datasheet HTML 6Page - Bruckewell Technology LTD MSF10N65 Datasheet HTML 7Page - Bruckewell Technology LTD  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
MSF10N65
650V N-Channel MOSFET
Publication Order Number: [MSF10N65]
© Bruckewell Technology Corporation Rev. A -2014
Absolute Maximum Ratings (Tc=25°C unless otherwise noted)
Symbol
Parameter
Value
Unit
PD
Power Dissipation (TC = 25 °C)
Power Dissipation (TC=100°C)
52
W
0.42
W/°C
TJ,TSTG
Operating and Storage Temperature Range
-55 to +150
°C
NOTE:
1. Repetitive Rating: Pulse width limited by maximum junction temperature
2. L=13mH, IAS=
10.0A,VDD=50V, RG=25Ω,Starting TJ=25˚C
3. ISD ≤ 10.0A, di/dt ≤ 200A/μs, VDD ≤ BVDSS, Starting TJ = 25°C
4. Pulse test : Pulse Width ≤ 300μs, Duty Cycle ≤ 2%
5. Essentially Independent of Operating temperature
Thermal characteristics (Tc=25°C unless otherwise noted)
Symbol
Parameter
Max.
Units
RθJC
Junction-to-Case
2.25
°C/W
RθJA
Junction-to-Ambient
62.5
On Characteristics
Symbol
Parameter
Test Conditions
Min
Typ.
Max.
Units
VGS
Gate Threshold Voltage
VDS=VGS,ID=250μA
3.0
--
5.0
V
RDS(ON)
Static Drain-Source On-Resistance
VGS=10V,ID=3A
--
1.95
2.4
Ω
Off Characteristics
Symbol
Parameter
Test Conditions
Min
Typ.
Max.
Units
BVDSS
Drain-Source Breakdown
Voltage
VGS=0 V , ID=250μA
900
--
--
V
△BV
DSS
/
△T
J
Breakdown Voltage
Temperature Coefficient
ID=250μA, Referenced to 25°C
--
1.03
--
V/°C
IDSS
Zero Gate Voltage Drain
Current
VDS=900V , VGS= 0 V
VDS=720V , TC= 125°C
--
--
10
100
μA
IGSSF
Gate-Body Leakage
Current, Forward
VGS=30V , VDS=0 V
--
--
100
nA
IGSSR
Gate-Body Leakage
Current, Reverse
VGS=-30V , VDS=0 V
--
--
-100
nA
Dynamic Characteristics
Symbol
Parameter
Test Conditions
Min
Typ.
Max.
Units
CISS
Input Capacitance
VDS=25V, VGS=0V,
f=1.0MHz
--
1500
2010
pF
COSS
Output Capacitance
--
145
190
pF
CRSS
Reverse Transfer Capacitance
--
15
20
pF



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com