Electronic Components Datasheet Search
  English  ▼

X  

MSF20N50 Datasheet(PDF) 2 Page - Bruckewell Technology LTD

Part # MSF20N50
Description  N-Channel Enhancement Mode Power MOSFET
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BWTECH [Bruckewell Technology LTD]
Direct Link  http://www.bruckewell-semi.com
Logo BWTECH - Bruckewell Technology LTD

MSF20N50 Datasheet(HTML) 2 Page - Bruckewell Technology LTD

  MSF20N50 Datasheet HTML 1Page - Bruckewell Technology LTD MSF20N50 Datasheet HTML 2Page - Bruckewell Technology LTD MSF20N50 Datasheet HTML 3Page - Bruckewell Technology LTD MSF20N50 Datasheet HTML 4Page - Bruckewell Technology LTD MSF20N50 Datasheet HTML 5Page - Bruckewell Technology LTD MSF20N50 Datasheet HTML 6Page - Bruckewell Technology LTD  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
MSF20N50
N-Channel Enhancement Mode Power MOSFET
Publication Order Number: [MSF20N50]
© Bruckewell Technology Corporation Rev. A -2014
Absolute Maximum Ratings
Symbol
Parameter
Value
Unit
PD
Power Dissipation (TC=25°C)
Power Dissipation (TC=100°C)
40
W
0.35
W
NOTE:
1. Repetitive rating; pulse width limited by maximum junction temperature.
Thermal characteristics
Symbol
Parameter
Max.
Units
Rthjc
Typical thermal resistance
3.3
°C/W
RθJA
62.5
Static Characteristics
Symbol
Test Conditions
Min
Typ.
Max.
Units
VGS
VDS = VGS, ID=250μA
2.0
4.0
V
*RDS(ON)
VGS=10V , ID=9.0A
--
0.21
0.26
m
Ω
BVDSS
VGS=0 V , ID=250μA
500
--
--
V
△BV
DSS /△TJ
ID=250μA, Referenced to 25°C
0.5
IDSS
VDS=500V , VGS= 0 V
VDS=400V , VGS= 0 V , Tj= 125°C
--
--
1
10
uA
IGSSF
VDS =30V, VDs=0 V
100
nA
IGSSR
VDS =-30V, VDs=0 V
--
--
-100
nA
Dynamic Characteristics
Symbol
Parameter
Test Conditions
Min
Typ.
Max.
Units
CISS
Input Capacitance
VDS=25V, VGS=0V,
f=1.0MHz
--
2700
--
pF
COSS
Output Capacitance
--
400
--
pF
CRSS
Reverse Transfer Capacitance
--
40
--
pF
td(on)
Turn-On Time
VDS=250 V, ID=20A,
RG=25Ω
--
100
--
ns
tr
Turn-On Time
--
400
--
ns
td(off)
Turn-Off Delay Time
--
100
--
ns
tf
Turn-Off Fall Time
--
100
--
ns
Qg
Total Gate Charge
VDS=400V,ID=20A,
VGS=10 V
--
70
--
nC
Qgs
Gate-Source Charge
--
18
--
nC
Qgd
Gate-Drain Charge (Miller Charge)
--
35
--
nC



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com