Electronic Components Datasheet Search
  English  ▼

X  

IDT72V01 Datasheet(PDF) 3 Page - Integrated Device Technology

Part # IDT72V01
Description  3.3 VOLT CMOS ASYNCHRONOUS FIFO 512 x 9, 1024 x 9, 2048 x 9, 4096 x 9
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT72V01 Datasheet(HTML) 3 Page - Integrated Device Technology

  IDT72V01 Datasheet HTML 1Page - Integrated Device Technology IDT72V01 Datasheet HTML 2Page - Integrated Device Technology IDT72V01 Datasheet HTML 3Page - Integrated Device Technology IDT72V01 Datasheet HTML 4Page - Integrated Device Technology IDT72V01 Datasheet HTML 5Page - Integrated Device Technology IDT72V01 Datasheet HTML 6Page - Integrated Device Technology IDT72V01 Datasheet HTML 7Page - Integrated Device Technology IDT72V01 Datasheet HTML 8Page - Integrated Device Technology IDT72V01 Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
5.08
3
IDT72V01/72V02/72V03/72V04 3.3 VOLT CMOS ASYNCHRONOUS FIFO
512 x 9, 1,024 x 9, 2,048 x 9, 4,096 x 9
COMMERCIAL TEMPERATURE RANGE
DC ELECTRICAL CHARACTERISTICS
(Commercial: VCC = 3.3 V
± 0.3V, TA = 0°C to +70°C)
IDT72V01/72V02/
IDT72V01/72V02/
72V03/72V04
72V03/72V04
Commercial
Commercial
tA = 25 ns
tA = 35 ns
Symbol
Parameter
Min.
Typ.
Max.
Min.
Typ.
Max.
Unit
ILI
(1)
Input Leakage Current (Any Input)
–1
—
1
–1
—
1
µA
ILO
(2)
Output Leakage Current
–10
—
10
–10
—
10
µA
VOH
Output Logic “1” Voltage IOH = –2mA
2.4
—
—
2.4
—
—
V
VOL
Output Logic “0” Voltage IOL = 8mA
—
—
0.4
—
—
0.4
V
ICC1
(3,4)
Active Power Supply Current
—
35
50
—
35
50
mA
ICC2
(3)
Standby Current (
R=W=RS=FL/RT=VIH)—
5
8
—
5
8
mA
ICC3(L)
(3)
Power Down Current (All Input = VCC - 0.2V)
—
—
0.3
—
—
0.3
mA
NOTES:
2679 tbl 05
1. Measurements with 0.4
≤ VIN ≤ VCC.
2.
R ≥ VIH, 0.4 ≤ VOUT ≤ VCC.
3. ICC measurements are made with outputs open (only capacitive loading).
4. Tested at f = 20MHz.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com