Electronic Components Datasheet Search
  English  ▼

X  

SS8P100 Datasheet(PDF) 1 Page - Bruckewell Technology LTD

Part # SS8P100
Description  High Current Density Surface Mount Ultra Low VF Schottky Rectifier
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BWTECH [Bruckewell Technology LTD]
Direct Link  http://www.bruckewell-semi.com
Logo BWTECH - Bruckewell Technology LTD

SS8P100 Datasheet(HTML) 1 Page - Bruckewell Technology LTD

  SS8P100 Datasheet HTML 1Page - Bruckewell Technology LTD SS8P100 Datasheet HTML 2Page - Bruckewell Technology LTD SS8P100 Datasheet HTML 3Page - Bruckewell Technology LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Preliminary SS8P100
High Current Density Surface Mount
Ultra Low VF Schottky Rectifier
Publication Order Number: [SS8P100]
© Bruckewell Technology Corporation Rev. A -2014
Description
The SS8P100 provides very low VF and excellent
reverse leakage stability at high temperatures in
TO-277A package. It is ideal for use as a rectifier,
freewheel diode or blocking diode
Features
• Very low profile - typical height of 1.1 mm
• Ideal for automated placement
• Low forward voltage drop, low power losses
• High efficiency
• Low thermal resistance
• Meets MSL level 1, per J-STD-020
• Solder dip 260 °C max. 10 s, per JESD 22-A111
• Compliant to RoHS directive 2002/95/EC and in
accordance to WEEE 2002/96/EC
• RoHS compliant package
Application
‧ DC/DC Converters
‧ AC/DC Adaptors
Mechanical Data
• Case: Conform to JEDEC TO-277A
• Molding compound meets UL 94 V-0 flammability
Packing & Order Information
3,000/Reel
Graphic symbol
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Maximum Ratings (Tc=25°C unless otherwise noted)
Parameter
Symbol
SS8PU100
Unit
Maximum repetitive peak reverse voltage
VRRM
100
V
Working peak reverse voltage
VRWM
100
V
Maximum DC blocking voltage
VDC
100
V
Maximum average forward rectified current
IF(AV)
8
A


Similar Part No. - SS8P100

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SS8P2CL VISHAY-SS8P2CL Datasheet
110Kb / 5P
High Current Density Surface Mount Schottky Barrier Rectifiers
30-Jul-08
SS8P2CL VISHAY-SS8P2CL Datasheet
98Kb / 5P
High Current Density Surface Mount Schottky Barrier Rectifier
10-May-11
SS8P2CL VISHAY-SS8P2CL Datasheet
98Kb / 6P
Schottky Barrier Rectifier
16-Jan-14
SS8P2CL VISHAY-SS8P2CL Datasheet
100Kb / 5P
High Current Density Surface-Mount Schottky Barrier Rectifier
13-May-2022
SS8P2CL VISHAY-SS8P2CL_11 Datasheet
98Kb / 5P
High Current Density Surface Mount Schottky Barrier Rectifier
10-May-11
More results

Similar Description - SS8P100

ManufacturerPart #DatasheetDescription
logo
Bruckewell Technology L...
SS10PU100S BWTECH-SS10PU100S Datasheet
765Kb / 3P
High Current Density Surface Mount Ultra Low VF Schottky Rectifier
SS10PU100 BWTECH-SS10PU100 Datasheet
763Kb / 3P
High Current Density Surface Mount Ultra Low VF Schottky Rectifier
SS8PU100 BWTECH-SS8PU100 Datasheet
300Kb / 3P
High Current Density Surface Mount Ultra Low VF Schottky Rectifier
SD10PU100 BWTECH-SD10PU100 Datasheet
166Kb / 3P
High Current Density Surface Mount Ultra Low VF Schottky Rectifier
SS5P100 BWTECH-SS5P100 Datasheet
214Kb / 3P
High Current Density Surface Mount Ultra Low VF Schottky Rectifier
SS6PU100 BWTECH-SS6PU100 Datasheet
446Kb / 4P
High Current Density Surface Mount Ultra Low VF Schottky Rectifier
SS10PU120S BWTECH-SS10PU120S Datasheet
289Kb / 3P
High Surge Protection High Current Density Surface Mount Ultra Low VF Schottky Rectifier
SS12PU120S BWTECH-SS12PU120S Datasheet
272Kb / 3P
High Current Density Surface Mount Ultra Low VF Schottky Rectifier
Rev. A -2014
SS10PU80 BWTECH-SS10PU80 Datasheet
161Kb / 4P
High Current Density Surface Mount Ultra Low VF Schottky Rectifier
SS20PU80 BWTECH-SS20PU80 Datasheet
161Kb / 4P
High Current Density Surface Mount Ultra Low VF Schottky Rectifier
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com