Electronic Components Datasheet Search
  English  ▼

X  

AD693 Datasheet(PDF) 7 Page - Analog Devices

Part # AD693
Description  Loop-Powered 4-20 mA Sensor Transmitter
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD693 Datasheet(HTML) 7 Page - Analog Devices

Back Button AD693_15 Datasheet HTML 3Page - Analog Devices AD693_15 Datasheet HTML 4Page - Analog Devices AD693_15 Datasheet HTML 5Page - Analog Devices AD693_15 Datasheet HTML 6Page - Analog Devices AD693_15 Datasheet HTML 7Page - Analog Devices AD693_15 Datasheet HTML 8Page - Analog Devices AD693_15 Datasheet HTML 9Page - Analog Devices AD693_15 Datasheet HTML 10Page - Analog Devices AD693_15 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
AD693
REV. A
–7–
Figure 11. Using an External Pass Transistor to Minimize Self-Heating Errors
of adjustment of the output current from nominal. Substitute
this value in the appropriate formula below for adjustment at the
4 mA tap.
RZ1 = (1.6 V/IA) – 400 Ω and
RZ2 = RZ1 × 3.1 V/(15 mV + IA × 3.75 Ω)
Use a similar connection with the following resistances for
adjustments at the 12 mA tap.
RZ1 = (4.8 V/IA) – 400
Ω and
RZ2 = RZ1
× 3.1 V/(45 mV + I
A
× 3.75 Ω)
These formulae take into account the
±10% tolerance of tap
resistance and insure a minimum adjustment range of IA. For
example, choosing IA = 200 µA will give a zero adjustment range
of
±1% of the 20 mA full-scale output. At the 4 mA tap the
maximum value of:
RZ1 = 1.6 V/200
µA – 400 Ω = 7.6 kΩ and
RZ2 = 7.6 k
Ω × 3.1 V/(15 mV + 200 µA × 3.75 Ω) = 1.49 MΩ
Figure 12. Optional 4 mA Zero Adjustment (12 mA Trim
Available Also)
These can be rounded down to more convenient values of
7.5 k
Ω and 1.3 MΩ, which will result in an adjustment range
comfortably greater than
±200 µA.
ADJUSTING INPUT SPAN
Input Span is adjusted by changing the gain of the Signal
Amplifier. This amplifier provides a 0-to-60 mV signal to the
V/I section to produce the 4-to-20 mA output span (or a
0-to-75 mV signal in the 0-to-20 mA mode). The gain of this
amplifier is trimmed to 2.00 so that an input signal ranging from
0-to-30 mV will drive the V/I section to produce 4-to -20 mA.
Joining P1 and P2 (Pins 15 and 16) will reduce the Signal Ampli-
fier gain to one, thereby requiring a 60 mV signal to drive the V/I
to a full 20 mA span.
To produce spans less than 30 mV, an external resistor, RS1, can
be connected between P1 and 6.2 V. The nominal value is given
by:
R
S1 =
400
Ω
30 mV
S
−1
where S is the desired span. For example, to change the span to
6 mV a value of:
R
S1 =
400
Ω
30 mV
6 mV
−1
= 100 Ω
is required. Since the internal, 800
Ω gain setting resistors
exhibit an absolute tolerance of 10%, RS1 should be provided
with up to
±10% range of adjustment if the span must be well
controlled.
For spans between 30 mV and 60 mV a resistor RS2 should be
connected between P1 and P2. The nominal value is given by:
RS2 =
400
Ω 1−
60 mV
S


30 mV
S
−1
For example, to change the span to 40 mV, a value of:
R
S2 =
400
Ω 1−
60 mV
40 mV


30 mV
40 mV
−1
= 800 Ω
is required. Remember that this is a nominal value and may
require adjustment up to
±10%. In many applications the span
must be adjusted to accommodate individual variations in the
sensor as well as the AD693. The span changing resistor should,
therefore, include enough adjustment range to handle both the
sensor uncertainty and the absolute resistance tolerance of P1
and P2. Note that the temperature coefficient of the internal
resistors is nominally –17 ppm/
°C, and that the external
resistors should be comparably stable to insure good tempera-
ture performance.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com