Electronic Components Datasheet Search
  English  ▼

X  

AD693 Datasheet(PDF) 1 Page - Analog Devices

Part # AD693
Description  Loop-Powered 4-20 mA Sensor Transmitter
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD693 Datasheet(HTML) 1 Page - Analog Devices

  AD693_15 Datasheet HTML 1Page - Analog Devices AD693_15 Datasheet HTML 2Page - Analog Devices AD693_15 Datasheet HTML 3Page - Analog Devices AD693_15 Datasheet HTML 4Page - Analog Devices AD693_15 Datasheet HTML 5Page - Analog Devices AD693_15 Datasheet HTML 6Page - Analog Devices AD693_15 Datasheet HTML 7Page - Analog Devices AD693_15 Datasheet HTML 8Page - Analog Devices AD693_15 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
FUNCTIONAL BLOCK DIAGRAM
REV. A
Information furnished by Analog Devices is believed to be accurate and
reliable. However, no responsibility is assumed by Analog Devices for its
use, nor for any infringements of patents or other rights of third parties
which may result from its use. No license is granted by implication or
otherwise under any patent or patent rights of Analog Devices.
a
Loop-Powered 4–20 mA
Sensor Transmitter
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 617/329-4700
Fax: 617/326-8703
AD693
FEATURES
Instrumentation Amplifier Front End
Loop-Powered Operation
Precalibrated 30 mV or 60 mV Input Spans
Independently Adjustable Output Span and Zero
Precalibrated Output Spans: 4–20 mA Unipolar
0–20 mA Unipolar
12
8 mA Bipolar
Precalibrated 100
RTD Interface
6.2 V Reference with Up to 3.5 mA of Current Available
Uncommitted Auxiliary Amp for Extra Flexibility
Optional External Pass Transistor to Reduce
Self-Heating Errors
PRODUCT DESCRIPTION
The AD693 is a monolithic signal conditioning circuit which
accepts low-level inputs from a variety of transducers to control a
standard 4–20 mA, two-wire current loop. An on-chip voltage
reference and auxiliary amplifier are provided for transducer
excitation; up to 3.5 mA of excitation current is available when the
device is operated in the loop-powered mode. Alternatively, the
device may be locally powered for three-wire applications when
0–20 mA operation is desired.
Precalibrated 30 mV and 60 mV input spans may be set by
simple pin strapping. Other spans from 1 mV to 100 mV may
be realized with the addition of external resistors. The auxiliary
amplifier may be used in combination with on-chip voltages to
provide six precalibrated ranges for 100
Ω RTDs. Output span
and zero are also determined by pin strapping to obtain the
standard ranges: 4–20mA, 12
± 8 mA and 0–20 mA.
Active laser trimming of the AD693’s thin-film resistors result
in high levels of accuracy without the need for additional
adjustments and calibration. Total unadjusted error is tested on
every device to be less than 0.5% of full scale at +25
°C, and less
than 0.75% over the industrial temperature range. Residual
nonlinearity is under 0.05%. The AD693 also allows for the use
of an external pass transistor to further reduce errors caused by
self-heating.
For transmission of low-level signals from RTDs, bridges and
pressure transducers, the AD693 offers a cost-effective signal
conditioning solution. It is recommended as a replacement for
discrete designs in a variety of applications in process control,
factory automation and system monitoring.
The AD693 is packaged in a 20-pin ceramic side-brazed DIP,
20-pin Cerdip, and 20-pin LCCC and is specified over the
–40
°C to +85°C industrial temperature range.
PRODUCT HIGHLIGHTS
1. The AD693 is a complete monolithic low-level voltage-to-
current loop signal conditioner.
2. Precalibrated output zero and span options include
4–20 mA, 0–20 mA, and 12
± 8 mA in two- and three-wire
configurations.
3. Simple resistor programming adds a continuum of ranges
to the basic 30 mV and 60 mV input spans.
4. The common-mode range of the signal amplifier input
extends from ground to near the device’s operating voltage.
5. Provision for transducer excitation includes a 6.2 V
reference output and an auxiliary amplifier which may be
configured for voltage or current output and signal
amplification.
6. The circuit configuration permits simple linearization of
bridge, RTD, and other transducer signals.
7. A monitored output is provided to drive an external pass
transistor. This feature off-loads power dissipation to
extend the temperature range of operation, enhance
reliability, and minimize self-heating errors.
8. Laser-wafer trimming results in low unadjusted errors and
affords precalibrated input and output spans.
9. Zero and span are independently adjustable and noninteractive
to accommodate transducers or user defined ranges.
10. Six precalibrated temperature ranges are available with a
100
Ω RTD via pin strapping.


Similar Part No. - AD693_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD693AD AD-AD693AD Datasheet
496Kb / 12P
Loop-Powered 4.20 mA Sensor Transmitter
AD693AD AD-AD693AD Datasheet
462Kb / 12P
Loop-Powered 4??0 mA Sensor Transmitter
REV. A
AD693AE AD-AD693AE Datasheet
496Kb / 12P
Loop-Powered 4.20 mA Sensor Transmitter
AD693AE AD-AD693AE Datasheet
462Kb / 12P
Loop-Powered 4??0 mA Sensor Transmitter
REV. A
AD693AQ AD-AD693AQ Datasheet
496Kb / 12P
Loop-Powered 4.20 mA Sensor Transmitter
More results

Similar Description - AD693_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD421 AD-AD421 Datasheet
171Kb / 14P
Loop-Powered 4 mA to 20 mA DAC
REV.C
AD693 AD-AD693 Datasheet
496Kb / 12P
Loop-Powered 4.20 mA Sensor Transmitter
logo
Agilent(Hewlett-Packard...
HCPL4100 HP-HCPL4100 Datasheet
230Kb / 12P
Optically Coupled 20 mA Current Loop Transmitter
logo
Analog Devices
AD5421 AD-AD5421_11 Datasheet
757Kb / 32P
16-Bit, Serial Input, Loop-Powered, 4 mA to 20 mA DAC
REV. 0
AD5421 AD-AD5421_13 Datasheet
726Kb / 36P
16-Bit, Serial Input, Loop-Powered, 4 mA to 20 mA DAC
Rev. F
AD421BNZ AD-AD421BNZ Datasheet
173Kb / 14P
Loop-Powered 4 mA to 20 mA DAC
REV. C
AD693BQ AD-AD693BQ Datasheet
462Kb / 12P
Loop-Powered 4??0 mA Sensor Transmitter
REV. A
AD421BRZRL AD-AD421BRZRL Datasheet
173Kb / 14P
Loop-Powered 4 mA to 20 mA DAC
REV. C
AD421 AD-AD421_15 Datasheet
173Kb / 14P
Loop-Powered 4 mA to 20 mA DAC
REV. C
logo
Schneider Electric
876CR SCHNEIDER-876CR Datasheet
126Kb / 1P
Loop-powered transmitter with 4-20 mA and HART digital outputs for contacting conductivity sensors
Apr 26, 2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com