Electronic Components Datasheet Search
  English  ▼

X  

AD760 Datasheet(PDF) 1 Page - Analog Devices

Part # AD760
Description  16/18-Bit Self-Calibrating Serial/Byte DACPORT
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD760 Datasheet(HTML) 1 Page - Analog Devices

  AD760_15 Datasheet HTML 1Page - Analog Devices AD760_15 Datasheet HTML 2Page - Analog Devices AD760_15 Datasheet HTML 3Page - Analog Devices AD760_15 Datasheet HTML 4Page - Analog Devices AD760_15 Datasheet HTML 5Page - Analog Devices AD760_15 Datasheet HTML 6Page - Analog Devices AD760_15 Datasheet HTML 7Page - Analog Devices AD760_15 Datasheet HTML 8Page - Analog Devices AD760_15 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
FUNCTIONAL BLOCK DIAGRAM
REV. A
Information furnished by Analog Devices is believed to be accurate and
reliable. However, no responsibility is assumed by Analog Devices for its
use, nor for any infringements of patents or other rights of third parties
which may result from its use. No license is granted by implication or
otherwise under any patent or patent rights of Analog Devices.
a
16/18-Bit Self-Calibrating
Serial/Byte DACPORT
AD760
© Analog Devices, Inc., 1995
One Technology Way, P.O. Box 9106, Norwood. MA 02062-9106, U.S.A.
Tel: 617/329-4700
Fax: 617/326-8703
FEATURES
±0.2 LSB (±0.00031%) Typ Peak DNL and INL
±0.5 LSB (±0.00076%) Typ Unipolar Offset, Bipolar Zero
17-Bit Monotonicity Guaranteed
18-Bit Resolution (in Serial Mode)
Complete 16/18-Bit D/A Function
On-Chip Output Amplifier
On-Chip Buried Zener Voltage Reference
Microprocessor Compatible
Serial or Byte Input
Double Buffered Latches
Asynchronous Clear Function
Serial Output Pin Facilitates Daisy Chaining
Pin Strappable Unipolar or Bipolar Output
Low THD+N: 0.005%
MUX Output Control on Power-Up and Supply Glitches
+10V
REF
10k
SOUT
SPAN/
BIP
OFF
VOUT
9.95k
LDAC
REF IN
REF OUT
HBE
SER
CLR
10k
AD760
UNI/
BIP CLR
OR
LBE
MUXOUT
MUXIN
AGND
SIN
OR
DB0
DB2
DB7
CS
MSB/
LSB
OR
DB1
12
18/16
SERIAL
OR
24
23
15
27
28
22
25
17
18
20
21
19
MAIN DAC
16
26
RAM
CALIBRATION SEQUENCER
CALOK
–VEE
+VCC
+VLL
DGND
CAL
1
2
3
5
6
4
14
16/18-BIT
INPUT REGISTER
13
7
CALIBRATION DAC
16/18-BIT DAC LATCH
Typical Integral Nonlinearity
DACPORT is a registered trademark of Analog Devices, Inc.
0.75
0.25
0
–0.25
–0.75
0
16384
32768
49152
65535
INPUT CODE – Decimal
VOUT = –10V TO +10V
RL = 2kΩ
CL = 1000pF
MUX output in a predetermined state by means of a digital and
analog power supply detection circuit. This is particularly use-
ful for robotic and industrial control applications.
The AD760 is available in a 28-pin, 600 mil cerdip package.
The AQ version is specified from –40°C to +85°C.
PRODUCT DESCRIPTION
The AD760 is a complete 16/18-bit self-calibrating monolithic
DAC (DACPORT®) with onboard voltage reference, double
buffered latches and output amplifier. It is manufactured on
Analog Devices’ BiMOS II process. This process allows the fab-
rication of low power CMOS logic functions on the same chip
as high precision bipolar linear circuitry.
Self-calibration is initiated by simply pulsing the CAL pin low.
The CALOK pin indicates when calibration has been success-
fully completed. The output multiplexer (MUXOUT) can be used
to send the output to the bottom of the output range during
calibration.
Data can be loaded into the AD760 as straight binary, serial
data or as two 8-bit bytes. In serial mode, 16-bit or 18-bit data
can be used and the serial mode input format is pin selectable,
to be MSB or LSB first. This is made possible by three digital
input pins which have dual functions (Pins 12, 13, and 14). In
byte mode the user can similarly define whether the high byte or
low byte is loaded first. The serial output (SOUT) pin allows the
user to daisy chain several AD760s by shifting the data through
the input latch into the next DAC thus minimizing the number
of control lines required in a multiple DAC application. The
double buffered latch structure eliminates data skew errors and
provides for simultaneous updating of DACs in a multi-DAC
system.
The asynchronous CLR function can be configured to clear the
output to minus full-scale or midscale depending on the state of
Pin 17 when CLR is strobed. The AD760 also powers up with the


Similar Part No. - AD760_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7605-4 AD-AD7605-4 Datasheet
720Kb / 28P
4-Channel DAS with 16-Bit, Bipolar Input, Simultaneous Sampling ADC
Rev. 0
AD7605-4BSTZ AD-AD7605-4BSTZ Datasheet
720Kb / 28P
4-Channel DAS with 16-Bit, Bipolar Input, Simultaneous Sampling ADC
Rev. 0
AD7605-4BSTZ-RL AD-AD7605-4BSTZ-RL Datasheet
720Kb / 28P
4-Channel DAS with 16-Bit, Bipolar Input, Simultaneous Sampling ADC
Rev. 0
AD7606 AD-AD7606 Datasheet
799Kb / 36P
8-/6-/4-Channel DAS with 16-Bit,Bipolar Input,Simultaneous Sampling ADC
REV. 0
AD7606 AD-AD7606 Datasheet
689Kb / 32P
8-Channel DAS with 18-Bit, Bipolar, Simultaneous Sampling ADC
REV. A
More results

Similar Description - AD760_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD660 AD-AD660 Datasheet
426Kb / 12P
Monolithic 16-Bit Serial/Byte DACPORT
AD760 AD-AD760 Datasheet
324Kb / 12P
16/18-Bit Self-Calibrating Serial/Byte DACPORT
REV.A
logo
Burr-Brown (TI)
ADS1100 BURR-BROWN-ADS1100 Datasheet
282Kb / 18P
Self-Calibrating, 16-Bit ANALOG-TO-DIGITAL CONVERTER
logo
List of Unclassifed Man...
MN6450 ETC1-MN6450 Datasheet
1Mb / 8P
47KHZ 16-BIT SELF-CALIBRATING SAMPLING A/D CONVERTER
logo
Texas Instruments
ADS1100 TI1-ADS1100_10 Datasheet
486Kb / 22P
Self-Calibrating, 16-Bit ANALOG-TO-DIGITAL CONVERTER
NOVEMBER 2003
logo
Analog Devices
AD660 AD-AD660_08 Datasheet
337Kb / 20P
Monolithic 16-Bit Serial/Byte DACPORT
REV. B
logo
API Technologies Corp
MN6400 APITECH-MN6400 Datasheet
1Mb / 8P
50kHz, 16-bit Self-Calibrating Sampling A/D Converter
logo
Texas Instruments
ADS1100 TI1-ADS1100_14 Datasheet
882Kb / 24P
Self-Calibrating, 16-Bit ANALOG-TO-DIGITAL CONVERTER
ADS1100 TI1-ADS1100_15 Datasheet
880Kb / 23P
Self-Calibrating, 16-Bit ANALOG-TO-DIGITAL CONVERTER
logo
Analog Devices
AD660 AD-AD660_17 Datasheet
351Kb / 21P
Monolithic 16-Bit Serial/Byte DACPORT
6/08-Rev. A to Rev. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com