Electronic Components Datasheet Search
  English  ▼

X  

AD760 Datasheet(PDF) 2 Page - Analog Devices

Part # AD760
Description  16/18-Bit Self-Calibrating Serial/Byte DACPORT
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD760 Datasheet(HTML) 2 Page - Analog Devices

  AD760_15 Datasheet HTML 1Page - Analog Devices AD760_15 Datasheet HTML 2Page - Analog Devices AD760_15 Datasheet HTML 3Page - Analog Devices AD760_15 Datasheet HTML 4Page - Analog Devices AD760_15 Datasheet HTML 5Page - Analog Devices AD760_15 Datasheet HTML 6Page - Analog Devices AD760_15 Datasheet HTML 7Page - Analog Devices AD760_15 Datasheet HTML 8Page - Analog Devices AD760_15 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
AD760AQ
Model
Min
Typ
Max
Units
RESOLUTION
1
16/18
Bits
TRANSFER FUNCTION CHARACTERISTICS
2
With Calibration @ TCAL
3; –40°C T
CAL
+85°C
Integral Nonlinearity
±0.2
±0.75
16-Bit LSB
Differential Nonlinearity
±0.2
±0.5
16-Bit LSB
Monotonicity
17
18
Bits
Unipolar Offset
±0.5
±1
16-Bit LSB
Bipolar Zero Error
±0.5
±1
16-Bit LSB
Without Calibration
Integral Nonlinearity
±2
16-Bit LSB
TMIN to TMAX
±4
16-Bit LSB
Integral Nonlinearity Drift
0.015
16-Bit LSB/°C
Differential Nonlinearity
±2
16-Bit LSB
TMIN to TMAX
±4
16-Bit LSB
Differential Nonlinearity Drift
0.015
16-Bit LSB/°C
Monotonicity Over Temperature
14
Bits
Unipolar Offset
±2.5
mV
Unipolar Offset Drift (TMIN to TMAX)
3
ppm/°C
Bipolar Zero Error
±10
mV
Bipolar Zero Error Drift (TMIN to TMAX)
5
ppm/°C
Gain Error
4, 5
±0.10
% of FSR
Gain Drift
5 (T
MIN to TMAX)
25
ppm/°C
DAC Gain Error
6
±0.05
% of FSR
DAC Gain Drift
6 (T
MIN to TMAX)
10
ppm/°C
INPUT RESISTANCE
REFIN
7
10
13
k
SPAN/BIP OFF
7
10
13
k
REFERENCE OUTPUT
Voltage
9.99
10.00
10.01
V
Drift
25
ppm/°C
External Current
7
24
mA
Capacitive Load
1000
pF
Short Circuit Current
25
mA
Long-Term Stability
50
ppm/1000 Hrs
OUTPUT CHARACTERISTICS
2
Output Voltage Range
Unipolar Configuration
0
+10
V
Bipolar Configuration
–10
+10
V
Output Current
5
mA
Capacitive Load
1000
pF
Short Circuit Current
25
mA
MUXOUT Resistance
0.9
7
k
DIGITAL INPUTS (TMIN to TMAX)
VIH (Logic “1”)
2.0
VLL
V
VIL (Logic “0”)
0
0.8
V
IIH (VIH = VLL)
±10
µA
IIL (VIL = 0 V)
±10
µA
DIGITAL OUTPUT (TMIN to TMAX)
VOH (IOH = –0.6 mA)
2.4
V
VOL (IOL = 1.6 mA)
0.4
V
POWER SUPPLIES
Voltage
VCC
8
+14.25
+15.75
V
VEE
8
–15.75
–14.25
V
VLL
+4.75
+5.25
V
Current (No Load)
ICC
+18
+21
mA
IEE
–21
–18
mA
ILL
@ VIH, VIL = 5.0 V, 0 V
2
3
mA
@ VIH, VIL = 2.4 V, 0.4 V
3
7.5
mA
Power Supply Sensitivity with VOUT = 10 V
1
ppm/%
Power Dissipation (Static, No Load)
600
725
mW
TEMPERATURE RANGE
Specified Performance (A)
–40
+85
°C
AD760–SPECIFICATIONS
REV. A
–2–
(@ TA = +25°C, VCC = +15 V, VEE = –15 V, VLL = + 5 V, unless otherwise noted)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com