Electronic Components Datasheet Search
  English  ▼

X  

GMB624 Datasheet(PDF) 2 Page - Guilin Strong Micro-Electronics Co., Ltd.

Part # GMB624
Description  PNP Low Frequency Amplifier Transistor
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GSME [Guilin Strong Micro-Electronics Co., Ltd.]
Direct Link  http://www.gsme.com.cn
Logo GSME - Guilin Strong Micro-Electronics Co., Ltd.

GMB624 Datasheet(HTML) 2 Page - Guilin Strong Micro-Electronics Co., Ltd.

  GMB624 Datasheet HTML 1Page - Guilin Strong Micro-Electronics Co., Ltd. GMB624 Datasheet HTML 2Page - Guilin Strong Micro-Electronics Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
桂 林 斯 壯 微 電 子 有 限 責 任 公 司
Guilin Strong Micro-Electronics Co.,Ltd.
GMB624
■
ELECTRICAL CHARACTERISTICS 電特性
(TA=25℃ unless otherwise noted 如無特殊說明,溫度爲 25℃)
Characteristic
特性參數
Symbol
符號
Test Condition
測試條件
Min
最小值
Typ
典型值
Max
最大值
Unit
單位
Collector Cutoff Current
集電極截止電流
ICBO
VCB=-30V,
IE=0
—
—
-0.1
μ
A
Emitter Cutoff Current
發射極截止電流
IEBO
VEB=-5V,
IC=0
—
—
-0.1
μ
A
Collector-Base Breakdown Voltage
集電極
-基極擊穿電壓
V(BR)CBO
IC=-100μA
-30
—
—
V
Collector-Emitter Breakdown Voltage
集電極
-發射極擊穿電壓
V(BR)CEO
IC=-1.0mA
-25
—
—
V
Emitter-Base Breakdown Voltage
發射極
-基極擊穿電壓
V(BR)EBO
IE=-100μA
-5
—
—
V
DC Current Gain
直流電流增益
HFE1
VCE=-1V,
IC=-100mA
110
200
400
—
DC Current Gain
直流電流增益
HFE2
VCE=-1V,
IC=-700mA
50
—
—
—
Collector-Emitter Saturation Voltage
集電極
-發射極飽和壓降
VCE(sat)
IC=-700mA,
IB=-70mA
—
-0.25
-0.6
V
Base-Emitter Saturation Voltage
基極
-發射極飽和壓降
VBE(sat)
IC=-700mA,
IB=-70mA
—
-1.0
-1.2
V
Base-Emitter Saturation
基極
-發射極電壓
VBE
VCE=-6V,
IC=-10mA
-0.6
-0.64
-0.7
V
Transition Frequency
特徵頻率
fT
VCE=-6V,
IC=-10mA
—
160
—
MHz
Collector Output Capacitance
輸出電容
Cob
VCB=-6V,IE=0,
f=1MHz
—
17
—
pF



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com