Electronic Components Datasheet Search
  English  ▼

X  

GMB624 Datasheet(PDF) 1 Page - Guilin Strong Micro-Electronics Co., Ltd.

Part # GMB624
Description  PNP Low Frequency Amplifier Transistor
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GSME [Guilin Strong Micro-Electronics Co., Ltd.]
Direct Link  http://www.gsme.com.cn
Logo GSME - Guilin Strong Micro-Electronics Co., Ltd.

GMB624 Datasheet(HTML) 1 Page - Guilin Strong Micro-Electronics Co., Ltd.

  GMB624 Datasheet HTML 1Page - Guilin Strong Micro-Electronics Co., Ltd. GMB624 Datasheet HTML 2Page - Guilin Strong Micro-Electronics Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
桂 林 斯 壯 微 電 子 有 限 責 任 公 司
Guilin Strong Micro-Electronics Co.,Ltd.
GMB624
■
FEATURES 特點
PNP Low Frequency Amplifier Transistor
■
MAXIMUM RATINGS (Ta=25℃) 最大額定值
Characteristic
特性參數
Symbol
符號
Rating
額定值
Unit
單位
Collector-Base Voltage
集電極
-基極電壓
VCBO
-30
V
Collector-Emitter Voltage
集電極
-發射極電壓
VCEO
-25
V
Emitter-Base Voltage
發射極
-基極電壓
VEBO
-5
V
Collector Current-Continuous
集電極電流
-連續
Ic
-700
mA
Collector Power Dissipation
集電極耗散功率
PC
225
mW
Junction Temperature
結溫
Tj
150
℃
Storage Temperature Range
儲存溫度
Tstg
-55〜150
℃
■
DEVICE MARKING 打標
GMB624(2SB624)
MARK
BV1
BV2
BV3
BV4
BV5
HFE1
110~180
135~220
170~270
200~320
250~400


Similar Part No. - GMB624

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
GMB-910 ADVANTECH-GMB-910 Datasheet
1Mb / 2P
Intel Celeron짰 M Mini-ITX Motherboard with Dual VGA, 6 COM, and Dual LAN
GMB-910-M6A1E ADVANTECH-GMB-910-M6A1E Datasheet
1Mb / 2P
Intel Celeron짰 M Mini-ITX Motherboard with Dual VGA, 6 COM, and Dual LAN
GMB-945GC ADVANTECH-GMB-945GC Datasheet
321Kb / 2P
Intel짰 LGA775 Core??2 Duo Mini-ITX with VGA, 4 COM, and Dual LAN
GMB-945GC-00A1E ADVANTECH-GMB-945GC-00A1E Datasheet
321Kb / 2P
Intel짰 LGA775 Core??2 Duo Mini-ITX with VGA, 4 COM, and Dual LAN
GMB-A55E ADVANTECH-GMB-A55E Datasheet
1Mb / 2P
AMD짰 G-Series mini-ITX Motherboard
More results

Similar Description - GMB624

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
MMBT1015 UTC-MMBT1015 Datasheet
56Kb / 4P
LOW FREQUENCY PNP AMPLIFIER TRANSISTOR
2SA1015 UTC-2SA1015_09 Datasheet
143Kb / 4P
LOW FREQUENCY PNP AMPLIFIER TRANSISTOR
MMBT1015 UTC-MMBT1015_11 Datasheet
190Kb / 5P
LOW FREQUENCY PNP AMPLIFIER TRANSISTOR
logo
Guilin Strong Micro-Ele...
GM807 GSME-GM807 Datasheet
228Kb / 2P
PNP Low Frequency Amplifier Transistor
GM9012 GSME-GM9012_15 Datasheet
208Kb / 2P
PNP Low Frequency Amplifier Transistor
GMA1298 GSME-GMA1298 Datasheet
205Kb / 2P
PNP Low Frequency Amplifier Transistor
GMA1505 GSME-GMA1505 Datasheet
207Kb / 2P
PNP Low Frequency Amplifier Transistor
logo
Dongguan City Niuhang E...
BC807 NIUHANG-BC807 Datasheet
349Kb / 3P
PNP Low Frequency Amplifier Transistor
logo
FutureWafer Tech Co.,Lt...
2SA1015 FUTUREWAFER-2SA1015 Datasheet
923Kb / 7P
Low Frequency Amplifier PNP Epitaxial Silicon Transistor
27-NOV-2021 V 2.0
2SA733 FUTUREWAFER-2SA733 Datasheet
959Kb / 7P
Low Frequency Amplifier PNP Epitaxial Silicon Transistor
27-NOV-2021 V 2.0
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com