Electronic Components Datasheet Search
  English  ▼

X  

GMBT2907 Datasheet(PDF) 2 Page - Guilin Strong Micro-Electronics Co., Ltd.

Part # GMBT2907
Description  PNP Switching Transistor
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GSME [Guilin Strong Micro-Electronics Co., Ltd.]
Direct Link  http://www.gsme.com.cn
Logo GSME - Guilin Strong Micro-Electronics Co., Ltd.

GMBT2907 Datasheet(HTML) 2 Page - Guilin Strong Micro-Electronics Co., Ltd.

  GMBT2907 Datasheet HTML 1Page - Guilin Strong Micro-Electronics Co., Ltd. GMBT2907 Datasheet HTML 2Page - Guilin Strong Micro-Electronics Co., Ltd. GMBT2907 Datasheet HTML 3Page - Guilin Strong Micro-Electronics Co., Ltd. GMBT2907 Datasheet HTML 4Page - Guilin Strong Micro-Electronics Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
桂 林 斯 壯 微 電 子 有 限 責 任 公 司
Guilin
Guilin
Guilin
Guilin Strong
Strong
Strong
Strong Micro-Electronics
Micro-Electronics
Micro-Electronics
Micro-Electronics Co.,Ltd.
Co.,Ltd.
Co.,Ltd.
Co.,Ltd.
GMBT2907(销售型號 MMBT2907) GMBT2907A(销售型號 MMBT2907A)
■
ELECTRICAL
ELECTRICAL
ELECTRICAL
ELECTRICAL CHARACTERISTICS
CHARACTERISTICS
CHARACTERISTICS
CHARACTERISTICS 電特性
(T
(T
(T
(TA
A
A
A
=25
=25
=25
=25℃ unless
unless
unless
unless otherwise
otherwise
otherwise
otherwise noted
noted
noted
noted 如無特殊說明,溫度爲 25℃))))
Characteristic
特性參數
Symbol
符號
Min
最小值
Max
最大值
Unit
單位
Collector-Emitter Breakdown Voltage(3)
集電極-發射極擊穿電壓(Ic=-10mAdc,IB=0)
V(BR)CEO GMBT2907
GMBT2907A
-30
-60
—
—
Vdc
Collector-Base Breakdown Voltage
集電極-基極擊穿電壓(Ic=-10μAdc,IE=0)
V(BR)CBO
-60
__
Vdc
Emitter-Base Breakdown Voltage
發射極-基極擊穿電壓(IE=-10μAdc,Ic=0)
V(BR)EBO
-5.0
—
Vdc
Collector Cutoff Current 集電極截止電流
(VCE=-30Vdc, VEB(Off)=-0.5Vdc)
ICEX
—
-50
nAdc
Collector Cutoff Current 集電極截止電流
(VCB=-50Vdc,IE=0)
(VCB=-50Vdc,IE=0,TA=125℃)
ICBO
GMBT2907
GMBT2907A
GMBT2907
GMBT2907A
—
—
—
—
-0.02
-0.01
-20.0
-10.0
μAdc
Base Cutoff Current 基極截止電流
(VCE=-30Vdc, VEB(Off)=-0.5Vdc)
IB
—
-50
nAdc
DC Current Gain 直流電流增益
HFE
—
(Ic=-0.1mAdc,VCE=-10.0Vdc)
GMBT2907
GMBT2907A
35
75
—
(Ic=-1.0mAdc,VCE=-10.0Vdc)
GMBT2907
GMBT2907A
50
100
—
(Ic=-10mAdc,VCE=-10.0Vdc)
GMBT2907
GMBT2907A
75
100
—
(Ic=-150mAdc,VCE=-10.0Vdc)(3)
100
300
(Ic=-500mAdc,VCE=-10.0Vdc)(3)
GMBT2907
GMBT2907A
30
50
—
—
Collector-Emitter Saturation Voltage
集電極發射極飽和壓降
(Ic=-150mAdc, IB=-15mAdc)
(Ic=-500mAdc, IB=-50mAdc)
VCE(sat)
—
—
-0.4
-1.6
Vdc
Base-Emitter Saturation Voltage
基極發射極飽和壓降
(Ic=-150mAdc, IB=-15mAdc)
(Ic=-500mAdc, IB=-50mAdc)
VBE(sat)
—
—
-1.3
-2.6
Vdc



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com