Electronic Components Datasheet Search
  English  ▼

X  

GMBT2907 Datasheet(PDF) 3 Page - Guilin Strong Micro-Electronics Co., Ltd.

Part # GMBT2907
Description  PNP Switching Transistor
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GSME [Guilin Strong Micro-Electronics Co., Ltd.]
Direct Link  http://www.gsme.com.cn
Logo GSME - Guilin Strong Micro-Electronics Co., Ltd.

GMBT2907 Datasheet(HTML) 3 Page - Guilin Strong Micro-Electronics Co., Ltd.

  GMBT2907 Datasheet HTML 1Page - Guilin Strong Micro-Electronics Co., Ltd. GMBT2907 Datasheet HTML 2Page - Guilin Strong Micro-Electronics Co., Ltd. GMBT2907 Datasheet HTML 3Page - Guilin Strong Micro-Electronics Co., Ltd. GMBT2907 Datasheet HTML 4Page - Guilin Strong Micro-Electronics Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
桂 林 斯 壯 微 電 子 有 限 責 任 公 司
Guilin
Guilin
Guilin
Guilin Strong
Strong
Strong
Strong Micro-Electronics
Micro-Electronics
Micro-Electronics
Micro-Electronics Co.,Ltd.
Co.,Ltd.
Co.,Ltd.
Co.,Ltd.
GMBT2907(销售型號 MMBT2907) GMBT2907A(销售型號 MMBT2907A)
■
SMALL-SIGNAL
SMALL-SIGNAL
SMALL-SIGNAL
SMALL-SIGNAL CHARACTERISTICS
CHARACTERISTICS
CHARACTERISTICS
CHARACTERISTICS 小信號特性
Characteristic
特性參數
Symbol
符號
Min
最小值
Max
最大值
Unit
單位
Current-Gain-Bandwidth Product
電流增益帶寬乘積
(Ic=-50mAdc,VCE=-20Vdc,f=100MHz)
fT
200
—
MHz
Output
Capacitance 輸出電容
(VCB=-10.0Vdc, IE=0, f=1.0MHz)
Cobo
—
80
pF
Input
Capacitance 輸入電容
(VEB=-2.0Vdc, IC=0, f=1.0MHz)
Cibo
—
30
pF
■
SWITCHING
SWITCHING
SWITCHING
SWITCHING CHARACTERISTICS
CHARACTERISTICS
CHARACTERISTICS
CHARACTERISTICS 開關特性
Turn-On Time
導通時間
(Vcc=-30Vdc
Ic=-150mAdc,IB1=-15mAdc)
ton
—
45
ns
Delay Time
延遲時間
td
—
10
Rise Time
上升時間
tr
—
40
Turn-Off time
截止時間
(Vcc=-6.0Vdc,Ic=-150mAdc,
IB1=IB2=-15mAdc)
toff
—
100
ns
Storage Time
儲存時間
ts
—
80
Fall Time
下降時間
tf
—
30
1. FR-5=1.0×0.75×0.062in.
2. Alumina=0.4×0.3×0.024in.99.5%alumina.
3. Pulse Width<300us;Duty Cycle<2.0%.
4.
fT is defined as the frequency at which (hfe) extrapolates to unity.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com